Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS387 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS387
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS387 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS387 Datasheet HTML 1Page - Texas Instruments SN65LVDS387 Datasheet HTML 2Page - Texas Instruments SN65LVDS387 Datasheet HTML 3Page - Texas Instruments SN65LVDS387 Datasheet HTML 4Page - Texas Instruments SN65LVDS387 Datasheet HTML 5Page - Texas Instruments SN65LVDS387 Datasheet HTML 6Page - Texas Instruments SN65LVDS387 Datasheet HTML 7Page - Texas Instruments SN65LVDS387 Datasheet HTML 8Page - Texas Instruments SN65LVDS387 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
When disabled, the driver outputs are high impedance. Each driver input (A) and enable (EN) have an internal
pulldown that will drive the input to a low level when open circuited.
The SN65LVDS387, SN65LVDS389, and SN65LVDS391 are characterized for operation from –40
°C to 85°C.
The SN75LVDS387, SN75LVDS389, and SN75LVDS391 are characterized for operation from 0
°C to 70°C.
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
(1/4 of ’LVDS387 or 1/2 of ’LVDS389 shown)
EN
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
(’LVDS391 shown)
EN
EN
AVAILABLE OPTIONS
PART NUMBER†
TEMPERATURE
RANGE
NO. OF
DRIVERS
BUS-PIN
ESD
SN65LVDS387DGG
–40
°C to 85°C
16
15 kV
SN75LVDS387DGG
0
°C to 70°C
16
4 kV
SN65LVDS389DBT
–40
°C to 85°C
8
15 kV
SN75LVDS389DBT
0
°C to 70°C
8
4 kV
SN65LVDS391D
–40
°C to 85°C
4
15 kV
SN75LVDS391D
0
°C to 70°C
4
4 kV
SN65LVDS391PW
–40
°C to 85°C
4
15 kV
SN75LVDS391PW
0
°C to 70°C
4
4 kV
† This package is available taped and reeled. To order this packaging option, add
an R suffix to the part number (e.g., SN65LVDS387DGGR).
DRIVER FUNCTION TABLE
INPUT
ENABLE
OUTPUTS
A
EN
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
OPEN
H
L
H
H = high-level, L = low-level, X = irrelevant,
Z = high-impedance (off)


Similar Part No. - SN65LVDS387

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGG TI-SN65LVDS387DGG Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGG TI-SN65LVDS387DGG Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387DGG TI1-SN65LVDS387DGG Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN65LVDS387

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com