Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTE001G7 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # BTE001G7
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE001G7 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  BTE001G7 Datasheet HTML 1Page - Sensortechnics GmbH BTE001G7 Datasheet HTML 2Page - Sensortechnics GmbH BTE001G7 Datasheet HTML 3Page - Sensortechnics GmbH BTE001G7 Datasheet HTML 4Page - Sensortechnics GmbH BTE001G7 Datasheet HTML 5Page - Sensortechnics GmbH BTE001G7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
5/6
December 2008 / 096
www.sensortechnics.com
RECOMMENDED ACCESSORY
Plug DIN EN 175301-803A and profile washer included in delivery.
For a complete connector/cable assembly use order no. ZK000110-x (x=cable lenghts in m).
dimensions in mm
Note: For proper function of all gage devices the gage port must be vented to the atmosphere
through the connector/cable assembly.
34
50
M3
31
Profile washer
OUTLINE DRAWING
mass: typ. 145 g
dimensions in mm (inches)
vent hole
1
3
2
18.0
(0.71)
2.0 (0.08)
93.0 (3.66)
70.0 (2.76)
12.0
(0.47)
10.0
(0.39)
12.0
(0.47)
N
I
Pn
o
i
s
r
e
v
e
g
a
t
l
o
Vn
o
i
s
r
e
v
t
n
e
r
r
u
C
1s
V
+s
V
+
2s
V
-s
V
-
3t
u
o
VC
/
N
e
s
a
ce
s
a
c
ELECTROMAGNETIC CAPABILITY8
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<


Similar Part No. - BTE001G7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001D1A SENSORTECHNICS-BTE001D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTE001D1C SENSORTECHNICS-BTE001D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTE001D4A SENSORTECHNICS-BTE001D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTE001D4C SENSORTECHNICS-BTE001D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - BTE001G7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com