Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS93 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS93
Description  LVDS SERDES TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS93 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS93 Datasheet HTML 1Page - Texas Instruments SN65LVDS93 Datasheet HTML 2Page - Texas Instruments SN65LVDS93 Datasheet HTML 3Page - Texas Instruments SN65LVDS93 Datasheet HTML 4Page - Texas Instruments SN65LVDS93 Datasheet HTML 5Page - Texas Instruments SN65LVDS93 Datasheet HTML 6Page - Texas Instruments SN65LVDS93 Datasheet HTML 7Page - Texas Instruments SN65LVDS93 Datasheet HTML 8Page - Texas Instruments SN65LVDS93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN65LVDS93
LVDS SERDES TRANSMITTER
SLLS302F – MAY 1998 – REVISED FEBRUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 28:4 Data Channel Compression at up to
1.82 Gigabits per Second Throughput
D Suited for Point-to-Point Subsystem
Communication With Very Low EMI
D 28 Data Channels Plus Clock in
Low-Voltage TTL and 4 Data Channels Plus
Clock Out Low-Voltage Differential
D Selectable Rising or Falling Clock Edge
Triggered Inputs
D Bus Pins Tolerate 6-kV HBM ESD
D Operates From a Single 3.3-V Supply and
250 mW (Typ)
D 5-V Tolerant Data Inputs
D Packaged in Thin Shrink Small-Outline
Package With 20 Mil Terminal Pitch
D Consumes <1 mW When Disabled
D Wide Phase-Lock Input Frequency Range
20 MHz to 65 MHz
D No External Components Required for PLL
D Outputs Meet or Exceed the Requirements
of ANSI EIA/TIA-644 Standard
D Industrial Temperature Qualified
TA = –40°C to 85°C
D Replacement for the DS90CR285
description
The SN65LVDS93 LVDS serdes (serializer/des-
erializer) transmitter contains four 7-bit parallel-
load
serial-out
shift
registers,
a
7
× clock
synthesizer, and five low-voltage differential signaling (LVDS) drivers in a single integrated circuit. These
functions allow 28 bits of single-ended LVTTL data to be synchronously transmitted over five balanced-pair
conductors for receipt by a compatible receiver, such as the SN65LVDS94.
When transmitting, data bits D0 through D27 are each loaded into registers upon the edge of the input clock
signal (CLKIN). The rising or falling edge of the clock can be selected via the clock select (CLKSEL) pin. The
frequency of CLKIN is multiplied seven times and then used to serially unload the data registers in 7-bit slices.
The four serial streams and a phase-locked clock (CLKOUT) are then output to LVDS output drivers. The
frequency of CLKOUT is the same as the input clock, CLKIN.
The SN65LVDS93 requires no external components and little or no control. The data bus appears the same
at the input to the transmitter and output of the receiver with the data transmission transparent to the user(s).
The only user intervention is selecting a clock rising edge by inputting a high level to CLKSEL or a falling edge
with a low-level input and the possible use of the shutdown/clear (SHTDN). SHTDN is an active-low input to
inhibit the clock and shut off the LVDS output drivers for lower power consumption. A low level on this signal
clears all internal registers at a low level.
The SN65LVDS93 is characterized for operation over ambient air temperatures of – 40
°C to 85°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
VCC
D5
D6
D7
GND
D8
D9
D10
VCC
D11
D12
D13
GND
D14
D15
D16
CLKSEL
D17
D18
D19
GND
D20
D21
D22
D23
VCC
D24
D25
D4
D3
D2
GND
D1
D0
D27
LVDSGND
Y1M
Y1P
Y2M
Y2P
LVDSVCC
LVDSGND
Y3M
Y3P
CLKOUTM
CLKOUTP
Y4M
Y4P
LVDSGND
PLLGND
PLLVCC
PLLGND
SHTDN
CLKIN
D26
GND
DGG PACKAGE
(TOP VIEW)


Similar Part No. - SN65LVDS93

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI1-SN65LVDS93 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS93A TI1-SN65LVDS93A Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93ADGG TI-SN65LVDS93ADGG Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
More results

Similar Description - SN65LVDS93

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com