Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTEP070G7 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # BTEP070G7
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTEP070G7 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  BTEP070G7 Datasheet HTML 1Page - Sensortechnics GmbH BTEP070G7 Datasheet HTML 2Page - Sensortechnics GmbH BTEP070G7 Datasheet HTML 3Page - Sensortechnics GmbH BTEP070G7 Datasheet HTML 4Page - Sensortechnics GmbH BTEP070G7 Datasheet HTML 5Page - Sensortechnics GmbH BTEP070G7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
3/6
December 2008 / 096
www.sensortechnics.com
INDIVIDUAL PERFORMANCE CHARACTERISTICS1
0...10 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
1...6 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
8
.
4
5
1
.
0
-
0
.
5
0
5
1
.
5
5
1
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
4
.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
9
.
4
9
.
9
0
.
5
0
.
0
1
1
.
5
1
.
0
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
60
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
0
1W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
3
.
3
5
8
.
0
5
.
3
0
.
1
5
6
.
3
5
1
.
1
V
n
a
p
s
e
l
a
c
s
ll
u
F
4
.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
4
.
2
9
.
4
5
.
2
0
.
5
6
.
2
1
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
60
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
0
1W
m
4...20 mA output (V
S = 15 V, RL = 100 Ω, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
8
.
1
1
8
.
3
0
.
2
1
0
.
4
2
.
2
1
2
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
4
.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
9
.
7
8
.
5
1
0
.
8
0
.
6
1
1
.
8
2
.
6
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
0
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m
0...5 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
3
.
2
5
1
.
0
-
5
.
2
0
5
6
.
2
5
1
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
4
.
.
.
N
4
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
4
.
2
9
.
4
5
.
2
0
.
5
6
.
2
1
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
60
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
0
1W
m


Similar Part No. - BTEP070G7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEP070D1A SENSORTECHNICS-BTEP070D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEP070D1C SENSORTECHNICS-BTEP070D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEP070D4A SENSORTECHNICS-BTEP070D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEP070D4C SENSORTECHNICS-BTEP070D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - BTEP070G7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com