Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTE5P15D4A Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PTE5P15D4A
Description  Precision differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTE5P15D4A Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PTE5P15D4A Datasheet HTML 1Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 2Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 3Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 4Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 5Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
3/6
June 2008 / 101
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS8
1...6 V output versions (unless otherwise noted V
S = 15 V, tamb = 25°C, RL > 100 kΩ, com. mode pressure = 0)
4...20 mA output versions (unless otherwise noted V
S = 15 V, tamb = 25°C, RL = 100 Ω, com. mode pressure = 0)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
P
5
x
T
P
/
.
.
.
P
5
)
M
(
E
T
B
s
r
e
h
t
o
ll
a
4
.
3
9
.
0
5
.
3
0
.
1
6
.
3
1
.
1
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
P
5
x
T
P
/
.
.
.
P
5
)
M
(
E
T
B
s
r
e
h
t
o
ll
a
4
.
2
9
.
4
5
.
2
0
.
5
6
.
2
1
.
5
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
6
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
5
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
6W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
P
5
x
T
P
/
.
.
.
P
5
)
M
(
E
T
B
s
r
e
h
t
o
ll
a
9
.
1
1
9
.
3
0
.
2
1
0
.
4
1
.
2
1
1
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
P
5
x
T
P
/
.
.
.
P
5
)
M
(
E
T
B
s
r
e
h
t
o
ll
a
9
.
7
9
.
5
1
0
.
8
0
.
6
1
1
.
8
1
.
6
1
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
0
2
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
0
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
IP 67 protection for BTE(M)5...A / PTx5...A is given with locked connector only.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
This is the highest pressure which can be applied to any port at any time. At the same time the differential pressure
between the ports H and L must not exceed the maximum proof pressure.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
Long term stability is the change in output after one year or 1 million pressure cycles.
Thermal effects tested and guaranteed from 0 - 70 °C relative to 25°. All specifications shown are relative to 25°C.
Full scale span is the algebraic difference between the positive full scale output and zero pressure offset.
Higher pressure applied to port H.
Test are in accordance with EN61000-6-2, April 1999.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
0...10 V square rooting output signal on special request.


Similar Part No. - PTE5P15D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTE5000D1A SENSORTECHNICS-PTE5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D1C SENSORTECHNICS-PTE5000D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4A SENSORTECHNICS-PTE5000D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4C SENSORTECHNICS-PTE5000D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - PTE5P15D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com