Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTUP01G0 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PTUP01G0
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTUP01G0 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PTUP01G0 Datasheet HTML 1Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 2Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 3Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 4Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 5Page - Sensortechnics GmbH PTUP01G0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
2/6
December 2008 / 096
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
(V
S = 15 V, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
0
7
0
0
4
M
E
T
B0
0
7
r
a
b
m
.
.
0
7
0
P
4
M
E
T
B0
7
-0
7
.
.
0
5
2
N
4
M
E
T
B5
2
-0
.
.
0
5
3
0
4
M
E
T
B0
0
5
3
.
.
0
5
3
N
4
M
E
T
B0
5
3
-0
.
.
0
5
3
P
4
M
E
T
B0
5
3
-0
5
3
.
.
1
0
0
4
E
T
B0
1
r
a
b
.
.
1
0
N
4
E
T
B1
-0
.
.
1
0
P
4
E
T
B1
-1
.
.
2
0
0
4
E
T
B0
2
.
.
5
0
0
4
E
T
B0
5
.
.
0
1
0
4
E
T
B0
0
1
.
.
1
0
0
4
U
T
P0
1
g
i
s
p
.
.
1
0
P
4
U
T
P1
-1
.
.
5
0
0
4
U
T
P0
5
.
.
5
0
P
4
U
T
P5
-5
.
.
5
1
0
4
U
T
P0
5
1
.
.
5
1
0
P
4
U
T
P5
1
-5
1
.
.
0
3
0
4
U
T
P0
0
3
.
.
0
0
1
4
U
T
P0
0
0
1
0
5
1
4
U
T
P0
0
5
1
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
5
t
e
s
f
f
O4
0
.
0
C
°
/
O
S
F
%
n
a
p
S4
0
.
0
)
C
°
0
7
o
t
0
5
,
C
°
0
o
t
0
2
-
(
5
t
e
s
f
f
O2
0
.
0
n
a
p
S2
0
.
0
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
6
2
.
0
±0
5
.
0
±
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
0
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
5
.
0
±
)
z
H
k
1
-
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
0
.
1s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O5
0
.
0
V
/
%
n
a
p
S3
0
.
0


Similar Part No. - PTUP01G0

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU CONQUER-PTU Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.250 CONQUER-PTU.250 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.315 CONQUER-PTU.315 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.400 CONQUER-PTU.400 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.500 CONQUER-PTU.500 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTUP01G0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com