Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP810MEUR-T Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP810MEUR-T
Description  3-Pin Microcontroller Power Supply Supervisor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP810MEUR-T Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

  IMP810MEUR-T Datasheet HTML 1Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 2Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 3Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 4Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 5Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 6Page - A1 PROs co., Ltd. IMP810MEUR-T Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
IMP809, IMP8
IMP809, IMP81100
Package Dimensions
E
A
C
L
e1
A1
H
e
D
S
B
a
SOT-23 (3-Pin).eps
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-23 (3-Pin)
A
0.031
0.050
0.80
1.27
A1
0.004
0.010
0.10
0.25
B
0.015
0.020
0.37
0.51
C
0.003
0.007
0.085
0.18
D
0.110
0.120
2.80
3.04
E
0.047
0.055
1.20
1.40
e
0.035
0.040
0.89
1.03
e1
0.070
0.080
1.78
2.05
H
0.083
0.1039
2.10
2.64
L
0.027 REF
0.069 REF
S
0.018
0.024
0.45
0.60
Plastic SOT-23 (3-Pin)


Similar Part No. - IMP810MEUR-T

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP810MEUR-T IMP-IMP810MEUR-T Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
More results

Similar Description - IMP810MEUR-T

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com