Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP38C44EPA Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP38C44EPA
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C44EPA Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP38C44EPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 9Page - A1 PROs co., Ltd. IMP38C44EPA Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
© 2000 IMP, Inc.
PWM Controllers
7
Application Information
OUT
6 (10)
VD
(11)
+
+
UVLO
+
COMP
PGND
(8)
TQ
S
Q
R
UVL
Protection
1V
R
2R
(
) Pins Are 14-Pin Devices Only
38C/HC_06.eps
GND 5
AGND (9)
3 (5)
ISNS
Connection Notes
IMP38C4X, IMP38HC4X (8-Pin Devices)
50% Maximum Duty Cycle:
IMP38C44, IMP38HC44, IMP38C45, IMP38HC45
96% Maximum Duty Cycle:
IMP38C42, IMP38HC42, IMP38C43, IMP38HC43
Figure 3. UVL Protection Circuit


Similar Part No. - IMP38C44EPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP38C44EPA IMP-IMP38C44EPA Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - IMP38C44EPA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300511-2 PASTERNACK-PE300511-2 Datasheet
120Kb / 1P
   CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE
PE300511-3 PASTERNACK-PE300511-3 Datasheet
120Kb / 1P
   CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
PE300511-1 PASTERNACK-PE300511-1 Datasheet
120Kb / 1P
   CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING
PE300509-2 PASTERNACK-PE300509-2 Datasheet
119Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
   Current Mode Control Step-Switching Mode
logo
Pasternack Enterprises,...
PE300521-1 PASTERNACK-PE300521-1 Datasheet
115Kb / 1P
   CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300521-2 PASTERNACK-PE300521-2 Datasheet
115Kb / 1P
   CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300531-3 PASTERNACK-PE300531-3 Datasheet
120Kb / 1P
   CABLE ASSEMBLY ST SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com