Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP811 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP811
Description  4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP811 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP811 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP811 Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IMP8
IMP81111, IMP8
, IMP81122
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Voltage (VCC) Range
VCC
TA = 0°C to 70°C
1.1
5.5
V
TA = – 40°C to 105°C
1.2
5.5
Supply Current (Unloaded)
ICC
TA = – 40°C to 85°C
VCC < 5.5V, L/M/J
6
15
µA
TA = – 40°C to 85°C
VCC < 3.6V, R/S/T
5
10
TA = 85°C to 105°C
VCC < 5.5V, L/M/J
25
TA = 85°C to 105°C
VCC < 3.6V, R/S/T
20
Reset Threshold
VTH
L devices
TA = 25°C
4.56
4.63
4.70
V
TA = – 40°C to 85°C
4.50
4.75
TA = 85°C to 105°C
4.40
4.86
M devices
TA = 25°C
4.31
4.38
4.45
TA = – 40°C to 85°C
4.25
4.50
TA = 85°C to 105°C
4.16
4.56
J devices
TA = 25°C
3.93
4.00
4.06
TA = – 40°C to 85°C
3.89
4.10
TA = 85°C to 105°C
3.80
4.20
T devices
TA = 25°C
3.04
3.08
3.11
TA = – 40°C to 85°C
3.00
3.15
TA = 85°C to 105°C
2.92
3.23
S devices
TA = 25°C
2.89
2.93
2.96
TA = – 40°C to 85°C
2.85
3.00
TA = 85°C to 105°C
2.78
3.08
R devices
TA = 25°C
2.59
2.63
2.66
TA = – 40°C to 85°C
2.55
2.70
TA = 85°C to 105°C
2.50
2.76
Reset Threshold Temp. Coefficient
TCVTH
30
ppm/°C
VCC to Reset Delay
VCC = VTH to (VTH - 125mV), L/M/J devices
40
µs
VCC = VTH to (VTH - 125mV), R/S/T devices
20
Reset Active Timeout Period
VOL
TA = 0°C to 70°C
140
560
ms
TA = – 40°C to 105°C
100
840
MR Minimum Pulse Width
tMR
10
µs
MR Glitch Immunity
Note 3
100
ns
MR to RESET Propagation Delay
tMD
Note 2
0.5
µs
MR Input Threshold
VIH
VCC > VTH (MAX), IMP811/812L/M/J
2.3
V
VIL
0.8
VIH
VCC > VTH (MAX), IMP811/812R/S/T
0.7VCC
VIL
0.25VCC
MR Pull-up Resistance
10
20
30
k
Low RESET Output Voltage (IMP811)
VOL
VCC = VTH min., ISINK = 1.2mA, IMP811R/S/T
0.3
V
VCC = VTH min., ISINK = 3.2mA, IMP811L/M/J
0.4
VCC > 1.1V, ISINK = 50µA
0.3
High RESET Output Voltage (IMP811)
VOH
VCC > VTH max., ISOURCE = 500µA, IMP811R/S/T 0.8VCC
V
VCC > VTH max., ISOURCE = 800µA, IMP811L/M/J VCC -1.5
Low RESET Output Voltage (IMP812)
VOL
VCC = VTH max., ISINK = 1.2mA, IMP812R/S/T
0.3
V
VCC = VTH max., ISINK = 3.2mA, IMP812L/M/J
0.4
High RESET Output Voltage (IMP812)
VOH
1.8V < VCC < VTH min., ISOURCE = 150µA
0.8VCC
V
Electrical Characteristics
Unless otherwise noted VCC is over the full voltage range, TA = –40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices.
Notes:
1. Production testing done at TA = 25°C. Over temperature specifications guaranteed by design only using six sigma design limits.
2.
RESET output is active LOW for the IMP811 and RESET output is active HIGH for the IMP812.
3. Glitches of 100ns or less typically will not generate a reset pulse.


Similar Part No. - IMP811

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
IMP811JEUS-T IMP-IMP811JEUS-T Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
IMP811LEUS-T IMP-IMP811LEUS-T Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
IMP811MEUS-T IMP-IMP811MEUS-T Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
IMP811REUS-T IMP-IMP811REUS-T Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
More results

Similar Description - IMP811

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1832 A1PROS-IMP1832 Datasheet
115Kb / 7P
   3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
IMP1834 A1PROS-IMP1834 Datasheet
247Kb / 8P
   Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
logo
List of Unclassifed Man...
PMODENC_RM ETC1-PMODENC_RM Datasheet
127Kb / 2P
   PmodENC??Reference Manuall
PMODI2S_RM ETC1-PMODI2S_RM Datasheet
211Kb / 1P
   PmodII2s Refference Manuall
VMODMIB_RM ETC1-VMODMIB_RM Datasheet
193Kb / 5P
   VmodMIIB??Reference Manuall
PMODUSBUART_RM ETC1-PMODUSBUART_RM Datasheet
190Kb / 1P
   PmodUSBUART??Reference Manuall
VMODCAM_RM ETC1-VMODCAM_RM Datasheet
409Kb / 6P
   VmodCAM??Reference Manuall
PMODPMON1 ETC1-PMODPMON1 Datasheet
679Kb / 2P
   PmodPMON1??Refference Manuall
VMODTFT_RM ETC1-VMODTFT_RM Datasheet
463Kb / 5P
   VmodTFT??Reference Manuall
PMODOLED_RM ETC1-PMODOLED_RM Datasheet
135Kb / 2P
   PmodOLED??Reference Manuall
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com