Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS96 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS96
Description  LVDS SERDES RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS96 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS96 Datasheet HTML 5Page - Texas Instruments SN65LVDS96 Datasheet HTML 6Page - Texas Instruments SN65LVDS96 Datasheet HTML 7Page - Texas Instruments SN65LVDS96 Datasheet HTML 8Page - Texas Instruments SN65LVDS96 Datasheet HTML 9Page - Texas Instruments SN65LVDS96 Datasheet HTML 10Page - Texas Instruments SN65LVDS96 Datasheet HTML 11Page - Texas Instruments SN65LVDS96 Datasheet HTML 12Page - Texas Instruments SN65LVDS96 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN65LVDS96
LVDS SERDES RECEIVER
SLLS296F – MAY 1998 – REVISED FEBRUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
HP8656B Signal
Generator,
0.1 MHz–990 MHz
RF Output
Output
Modulation Input
CLKOUT
HP8665A Synthesized
Signal Generator,
0.1 MHz–4200 MHz
Device Under
Test
CLKIN
Input
DTS2070C
Digital Time
Scope
Device
Under
Test
VCO
Reference
Modulation
v(t) = A sin(2
πfmodt)
Σ
+
+
Figure 7. Output Clock Jitter Test Setup
CLKIN
An
SHTDN
Dn
ten
Invalid
Valid
Figure 8. Enable Time Waveforms
tdis
CLKIN
SHTDN
CLKOUT
Figure 9. Disable Time Waveforms


Similar Part No. - SN65LVDS96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS96 TI1-SN65LVDS96 Datasheet
340Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS9637 TI-SN65LVDS9637 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637 TI-SN65LVDS9637 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637 TI-SN65LVDS9637 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637 TI-SN65LVDS9637 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS96DGGR TI1-SN65LVDS96DGGR Datasheet
340Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com