Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI4100 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI4100 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1, 3, 17, 21
NC
-
No Connection
2, 6~7, 19
AVDD
-
Analog Power (+3.3V)
4
REFB
O
ADC Internal Bottom Reference Voltage
5
REFT
O
ADC Internal Top Reference Voltage
8~9, 20
AVSS
-
Analog Ground
10
CML
O
ADC Internal Common Reference Voltage
11
CCDIN
I
CDS Input Data Input
12
REFIN
I
CDS Circuit Reference Input
13
CLPCAP
O
Clamp Level Output
14
ADIN
I
ADIN Signal Input
15
OBCAP
O
Black Level Integration Voltage
22
ADCLK
I
ADC Sampling Clock Input
33, 42
DVSS
-
Digital GND
34, 43
DVDD
-
Digital Power (+3.3V)
16
MONOUT
O
Monitor Output of CDS or PGA
18
AISET
I
External Bias Current Setting
23
SHP
I
Reference Sampling Pulse Input
24
SHD
I
Data Sampling Pulse Input
25
ADCLP
I
Pulse Input for ADIN Clamp and Black Calibration Control
26
BLK
I
Blanking Pulse Input
27
CCDCLP
I
Clamp Control Input
28
OBP
I
Black Level Period Pulse Input
29
SCK
I
Serial Port Clock Input
30
SDATA
I
Serial Port Data Input
31
CSN
I
Serial Port Chip Selection (Active Low)
32
STBY
I
Power Down Control (Power Down at Low)
35
RESETN
I
Reset Signal Input (Active Low)
36
OUTCK
I
Clock Input for ADC Output Timing
37~41, 44~48
D0~D9
O
ADC Digital Output
ABSOLUTE MAXIMUM RATINGS
Note : These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Rating” may
cause substantial damage to the devices. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability
3
A
i4100
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
GND-0.3 to GND+6.0
Input Voltage
VIN
VSS-0.3 to VDD+0.3
Storage Temperature
TSTG
-55 to +150
Operating Temperature
TOP
-20 to +70
V


Similar Part No. - AI4100

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AI42 CELDUC-AI42 Datasheet
29Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI421530 CELDUC-AI421530 Datasheet
29Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI431530 CELDUC-AI431530 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
   REED SWITCH NORMALY OPEN, DRY CONTACT
More results

Similar Description - AI4100

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V842 HOLTEK-HT82V842 Datasheet
161Kb / 18P
   CCD CDS/PGA/10b-20M-ADC
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
   ADC-CDS
logo
Exar Corporation
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com