Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP8980DC Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # IMP8980DC
Description  PCM Digital Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP8980DC Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button IMP8980DC Datasheet HTML 5Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 6Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 7Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 8Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 9Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 10Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 11Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 12Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 13Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
†† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
*
Contents of Connection Memory are not lost if the clock stops, however, ST-BUS outputs go into the high
impedance state. NB: Frame Pulse is repeated every 512 cycles of C4i
.
AC Electrical Characteristics † - Clock Timing (Figures 12 and 13)
Characteristics
Sym
Min Typ ‡
Max
Units
Test Conditions
1
Clock Period*
tCLK
220
244
300
ns
2
Clock Width High
tCH
95
122
150
ns
3
Clock Width Low
tCL
110
122
150
ns
4
Clock Transition Time
tCTT
20
ns
5
Frame Pulse Setup TIme
tCCT
20
ns
6
Frame Pulse Hold Time
tFPH
0.020
670
µs
7
Frame Pulse Width
tFPW
244
ns
C4i
FOi
Bit
Cells
Channel 31
Bit 0
Channel 0
Bit 7
tCLK
tCL
tCTT
tCTT
tCHL
tCH
tFPH
tFPS
tFPH
tFPS
tFPW
C4i
F0i
2.0V
0.8V
2.0V
0.8V
Figure 12 Frame Allignment
Figure 13 Clock Timing


Similar Part No. - IMP8980DC

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP8980DC IMP-IMP8980DC Datasheet
136Kb / 14P
   PCM Digital Switch
More results

Similar Description - IMP8980DC

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
Rohm
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
   PCM codec IC for digital cellular telephones
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
   PCM codec IC for digital cellular telephones
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
   PCM
Rev: L
UBP053450 ULTRALIFE-UBP053450 Datasheet
286Kb / 2P
   PCM
Rev: U
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
   PCM Transcoder
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com