Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA160B Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA160B
Description  High Efficiency Heterojunction Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA160B Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA160B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA160B Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA160B
DATA SHEET
High Efficiency Heterojunction Power FET
S-PARAMETERS
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.902 -115.3 15.468
116.0
0.025
38.1
0.298 -138.8
2.0
0.884 -146.5
8.678
96.8
0.028
27.8
0.342 -156.8
3.0
0.881 -158.7
5.971
86.9
0.030
28.6
0.351 -163.1
4.0
0.881 -166.4
4.579
79.4
0.031
30.7
0.359 -165.6
5.0
0.880 -172.1
3.705
72.6
0.032
35.1
0.367 -165.7
6.0
0.878 -176.6
3.113
66.5
0.034
38.3
0.381 -165.8
7.0
0.879
179.0
2.703
60.7
0.036
40.0
0.396 -164.7
8.0
0.882
174.5
2.374
55.1
0.038
41.6
0.416 -163.6
9.0
0.881
169.9
2.110
49.6
0.038
44.4
0.437 -162.9
10.0
0.887
165.5
1.900
44.4
0.040
45.0
0.461 -161.9
11.0
0.891
160.6
1.718
38.8
0.042
45.8
0.491 -161.5
12.0
0.898
155.6
1.557
33.2
0.044
45.9
0.521 -161.7
13.0
0.905
151.0
1.411
27.7
0.044
45.4
0.554 -162.8
14.0
0.908
146.6
1.277
22.3
0.046
43.1
0.580 -164.2
15.0
0.910
143.2
1.151
17.2
0.047
42.3
0.605 -166.4
16.0
0.912
140.2
1.051
12.1
0.048
39.5
0.626 -168.6
17.0
0.920
137.9
0.956
7.7
0.050
37.6
0.645 -171.6
18.0
0.934
135.9
0.880
3.0
0.052
37.6
0.665 -174.5
19.0
0.934
134.4
0.810
-1.7
0.054
34.6
0.684 -177.7
20.0
0.932
133.9
0.742
-5.7
0.057
33.8
0.697
178.4
21.0
0.923
134.3
0.684
-8.6
0.060
32.2
0.700
174.7
22.0
0.934
135.0
0.641
-11.5
0.063
32.4
0.707
171.7
23.0
0.946
134.6
0.616
-14.3
0.068
32.5
0.718
168.7
24.0
0.948
133.8
0.579
-17.7
0.072
33.3
0.719
166.0
25.0
0.949
133.0
0.558
-20.0
0.079
32.7
0.722
163.7
26.0
0.935
131.3
0.527
-22.3
0.084
33.0
0.723
162.4
Note:
The data included 0.7 mils diameter Au bonding wires:
2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 6 source wires, 7 mils each.
P-1dB & PAE vs. Vds
25
30
35
40
4
5
6
7
8
Drain-Source Voltage (V)
30
35
40
45
50
55
f = 12 GHz
Ids = 50% Idss
Pout & PAE vs. Pin
0
10
20
30
40
50
0
5
10
15
20
25
Pin (dBm)
f = 12 GHz
Vds = 8V, Ids = 50% Idss
PAE
Pout


Similar Part No. - EPA160B

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA160B-100P EXCELICS-EPA160B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA160B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
   High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
   High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
   High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
   High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
   High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com