Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT2DBV Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LVDT2DBV
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBV Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDT2DBV Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 9Page - Texas Instruments SN65LVDT2DBV Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN65LVDT2
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SLLS374B – JULY 1999 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
IOH – High-Level Output Current – mA
3
2.5
2
1.5
1
0.5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–40
–50
– 30
–60
–20
0
–70
4
3.5
0
–10
VCC = 2.7 V
VCC = 3.3 V
Figure 5
3
2.5
2
1.5
1
0.5
30
20
40
10
50
70
0
4
3.5
0
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
60
VCC = 2.7 V
VCC = 3.3 V
Figure 6
TA – Free-Air Temperature – °C
2.6
2.5
2.4
2.7
2.65
2.55
2.45
–20
0
40
–40
20
HIGH-TO-LOW LEVEL
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
60
80
2.75
VCC = 3 V
VCC = 2.4 V
2.8
VCC = 3.6 V
VCC = 2.7 V
2.85
2.9
VCC = 3.3 V
Figure 7
TA – Free-Air Temperature – °C
2.6
2.4
2.2
2.8
2.7
2.5
2.3
–20
0
40
–40
20
60
80
100
2.9
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.6 V
3
VCC = 3.3 V
VCC = 3 V
LOW-TO-HIGH LEVEL
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE


Similar Part No. - SN65LVDT2DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT2DBV TI-SN65LVDT2DBV Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDT2DBV TI-SN65LVDT2DBV Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDT2DBVR TI-SN65LVDT2DBVR Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDT2DBVR TI-SN65LVDT2DBVR Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDT2DBVR TI-SN65LVDT2DBVR Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDT2DBV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS4 TI1-SN65LVDS4 Datasheet
456Kb / 20P
[Old version datasheet]   1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4_15 Datasheet
1Mb / 31P
[Old version datasheet]   1.8-V High-Speed Differential Line Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com