Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP2524-2BN Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP2524-2BN
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524-2BN Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP2524-2BN Datasheet HTML 1Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 2Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2524-2BN Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
IMP252
IMP252 4/2
4/2 77
© 2000 IMP, Inc.
USB High-Side Power Switches
3
Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Fault Flag Voltage
. . . . . . . . . . . . . . . . . . . . . . +8.0V
Fault Flag Current . . . . . . . . . . . . . . . . . . . . . . 50mA
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Enable Input . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 12V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 5 sec.) . . . . . . . 260
°C
Package Thermal Resistance
SO (
θJA ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160°C/W
DIP(
θJA ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130°C/W
Note: All voltages are referenced to GND.
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolonged
time periods may affect device reliability.
Parameter
Symbol ConditionsMin
Typ
Max
Units
Supply Voltage Range
VIN
TA = – 40
°C to +85°C
2.7
5.5
V
Operating Temperature Range
TA
– 40
85
°C
Supply Current
IIN OFF
Switch OFF, No load
0.75
10
µA
Switch OFF
VENOFF
≤ 0.8V, VENON ≥ 2.4V IMP2524/27-1
VENON
≤ 0.8V, VENOFF ≥ 2.4V IMP2524/27-2
Supply Current
IIN ON
Switch ON, No load
110
320
µA
Switch ON
VENOFF
≤ 0.8V, VENON ≥ 2.4V IMP2524/27-1
VENON
≤ 0.8V, VENOFF ≥ 2.4V IMP2524/27-2
Enable Input Threshold
VENH
LOW to HIGH (“0” to “1”) Enable Voltage, Note 1
2.1
2.4
V
VENL
HIGH to LOW (“1” to “0”) Enable Voltage, Note 1
0.8
1.9
Enable Input Current
IEN
VEN = 2.4V
0.01
1
µA
VEN = 0.8V
0.01
1
Enable Input Capacitance
CEN
1pF
Switch ON Resistance
RON
IMP2524: IOUT = 500mA each switch
0.10
0.14
IMP2527: IOUT = 500mA each switch
0.20
0.30
Continuous Load Current
IL
Each output
0.5
A
Output Turn-On Delay
TDON
RL = 10
Ω each output
0.25
ms
Output Turn-On Rise Time
TRON
RL = 10
Ω each output
1
ms
Output Turn-Off Delay
TDOFF
RL = 10
Ω each output
1
20
µs
Output Turn-Off Fall Time
TFOFF
RL = 10
Ω each output
1
20
µs
Output Leakage Current
IOFF
10
µA
Short-circuit Current Limit
ISC
0.50
0.75
1.25
A
Overtemperature Shutdown
TJ increasing
135
°C
Threshold
TJ decreasing
125
Error Flag Output Resistance
RFLAG
VIN = 5V, IL = 10mA
10
VIN = 3.3V, IL = 10mA
15
Error Flag Output Current
IFLAG
VFLAG = 5V
0.01
1
µA
UVLO Threshold
VUVLO
VIN Increasing
2.5
V
VIN Decreasing
2.3
Unless otherwise noted, VIN = 5V and TA = 25°C.
Notes 1. Switch OFF is VEN
≤ 0.8V and Switch ON is VEN ≥ 2.4V for the IMP2524/27-1. Switch OFF is VEN ≥ 2.4V and Switch ON is
VEN
≤ 0.8V for the IMP2524/27-2. The Enable input has approximately 200mV of hysteresis.


Similar Part No. - IMP2524-2BN

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2524-2BN

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com