Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTE6001A1-FL Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # BTE6001A1-FL
Description  Precision stainless steel pressure transmitters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE6001A1-FL Datasheet(HTML) 4 Page - Sensortechnics GmbH

  BTE6001A1-FL Datasheet HTML 1Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 2Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 3Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 4Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 5Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 6Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 7Page - Sensortechnics GmbH BTE6001A1-FL Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BTE6000 / PTU6000 Series
Precision stainless steel pressure transmitters
4/8
December 2008 / 102
www.sensortechnics.com
LOAD LIMITATION
0...20 mA output version
4...20 mA output version
supply voltage
5
0
200
400
600
10
15
20
25
30
operating
range
800
1000
1200
Ohm
1400
35 V
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
IP 65 protection is given when the connector is locked with a rubber washer. For proper function the gage port is vented
to the atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Thermal effects tested and guaranteed from 0 to 70°C relative to 25°C. All specifications shown are relative to 25°C.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
Long term stability is the change in output after one year or 1 million pressure cycles.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
Test are in accordance with EN61000-6-2, April 1999.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
Available for pressure ranges from 1 bar (15 psi) absolute upwards only.
Other sealing materials are available on request.
ELECTROMAGNETIC CAPABILITY8
RECOMMENDED ACCESSORY
Plug DIN EN 175301-803 A and profile washer included
in delivery. For a complete connector/cable assembly
use order no. ZK000110-x (x=cable lenghts in m).
dimensions in mm
Note:
For proper function of all gage devices the
gage port must be vented to the atmosphere
through the connector/cable assembly.
34
50
M3
31
Profile washer
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<


Similar Part No. - BTE6001A1-FL

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BTE-020-01-F-D SAMTEC-BTE-020-01-F-D Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A SAMTEC-BTE-020-01-F-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A-K SAMTEC-BTE-020-01-F-D-A-K Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A SAMTEC-BTE-020-01-L-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
   .8mm DOUBLE ROW TERMINAL ASSEMBLY
More results

Similar Description - BTE6001A1-FL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com