Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEB75-48S2P5 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # QEB75-48S2P5
Description  75 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB75-48S2P5 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  QEB75-48S2P5 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB75-48S2P5 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB75-48S2P5 Datasheet HTML 3Page - Power Mate Technology Co., LTD QEB75-48S2P5 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4 Issued Date:2008/05/21
QEB75-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
QEB75-48S05 Derating Curve
With Heatsink 7G-0029 (Note 7 )
0
20
40
60
80
100
120
-40-20
0
20
40
60
80100
120
AMBIENT TEMPERATURE(℃)
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
QEB75-48S05
Efficiency VS Input voltage
85
86
87
88
89
90
91
92
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE(V)
QEB75-48S05
Efficiency VS Output Load
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as follows:
C1
C2
C3
C4
C5
6.8μF/50V
6.8μF/50V
6.8μF/50V
6.8μF/50V 1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV
6.8μF/50V
6.8μF/50V
6.8μF/50V
0.1μF/50V
C11
C12
C13
C14
C15
0.1μF/50V
1.0nF/3KV 1.0nF/3KV 1.0nF/3KV 1.0nF/3KV
L1
L2
QEB75-24Sxx
620μH
620μH
C1
C2
C3
C4
C5
100μF/100V 1.5μF/100V 1.5μF/100V 1.5μF/100V 1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV 47μF/100V 1.5μF/100V 1.5μF/100V 0.1μF/50V
C11
C12
C13
C14
C15
0.1μF/50V
1.0nF/3KV 1.0nF/3KV 1.0nF/3KV 1.0nF/3KV
L1
L2
QEB75-48Sxx
620μH
620μH
Recommended EN55022 Class B Filter Circuit Layout
34
24


Similar Part No. - QEB75-48S2P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB75-48S2P5 P-DUKE-QEB75-48S2P5 Datasheet
389Kb / 3P
   75 WATTS DC-DC CONVERTER
More results

Similar Description - QEB75-48S2P5

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com