Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS9637A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVDS9637A
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9637A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS9637A Datasheet HTML 2Page - Texas Instruments SN65LVDS9637A Datasheet HTML 3Page - Texas Instruments SN65LVDS9637A Datasheet HTML 4Page - Texas Instruments SN65LVDS9637A Datasheet HTML 5Page - Texas Instruments SN65LVDS9637A Datasheet HTML 6Page - Texas Instruments SN65LVDS9637A Datasheet HTML 7Page - Texas Instruments SN65LVDS9637A Datasheet HTML 8Page - Texas Instruments SN65LVDS9637A Datasheet HTML 9Page - Texas Instruments SN65LVDS9637A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN65LVDS32A, SN65LVDT32A, SN65LVDS3486A
SN65LVDT3486A, SN65LVDS9637A, SN65LVDT9637A
HIGH-SPEED DIFFERENTIAL RECEIVERS
SLLS368C – JULY 1999 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2.5
4
6
ns
tPHL
Propagation delay time, high-to-low-level output
2.5
4
6
ns
td1
Delay time, fail-safe deactivate time
6.1
ns
td2
Delay time, fail-safe activate time
C10 F
0.3
1
µs
tsk(p)
Pulse skew (|tPHL1 – tPLH1|)
CL = 10 pF,
See Figure 3
200
ps
tsk(o)
Output skew§
See Figure 3
150
ps
tsk(pp)
Part-to-part skew‡
1
ns
tr
Output signal rise time
600
ps
tf
Output signal fall time
600
ps
tPHZ
Propagation delay time, high-level-to-high-impedance output
5.5
9
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 4
4.4
9
ns
tPZH
Propagation delay time, high-impedance -to-high-level output
See Figure 4
3.8
9
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
7
9
ns
† All typical values are at 25
°C and with a 3.3 V supply.
‡ tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
§ tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all receivers of a single device with all of their inputs driven together.
PARAMETER MEASUREMENT INFORMATION
VID
A
B
Y
VO
VIB
VIA
VIC
(VIA + VIB)/2
IIB
IIA
VO
Figure 1. Voltage and Current Definitions
VID
VO
VIB
VIA
CL < 50 pF
VID
VO
VIT–
1
µs
VIT+
2
µs
–0.2 V
0.2 V
Figure 2. VITH3 Input Voltage Threshold Test Circuit and Definitions


Similar Part No. - SN65LVDS9637A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9637A TI-SN65LVDS9637A Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS9637ADR TI-SN65LVDS9637ADR Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS9637A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com