Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTEM6250A4CXS Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # BTEM6250A4CXS
Description  Submersible precision stainless steel transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTEM6250A4CXS Datasheet(HTML) 2 Page - Sensortechnics GmbH

  BTEM6250A4CXS Datasheet HTML 1Page - Sensortechnics GmbH BTEM6250A4CXS Datasheet HTML 2Page - Sensortechnics GmbH BTEM6250A4CXS Datasheet HTML 3Page - Sensortechnics GmbH BTEM6250A4CXS Datasheet HTML 4Page - Sensortechnics GmbH BTEM6250A4CXS Datasheet HTML 5Page - Sensortechnics GmbH BTEM6250A4CXS Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTE6000 / PTU6000...CS Series
Submersible precision stainless steel transmitters
2/6
August 2008 / 104
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
0
0
1
6
M
E
T
B0
0
0
1
r
a
b
m
.
.
.
0
5
2
6
M
E
T
B0
0
5
2
.
.
.
0
5
3
6
M
E
T
B0
0
5
3
.
.
.
0
0
5
6
M
E
T
B0
0
0
5
.
.
.
1
0
0
6
E
T
B0
1
r
a
b
.
.
.
2
0
0
6
E
T
B0
2
.
.
.
5
0
0
6
E
T
B0
5
.
.
.
0
1
0
6
E
T
B0
0
1
.
.
.
2
0
0
6
U
T
P0
2
i
s
p
.
.
.
3
0
0
6
U
T
P0
3
.
.
.
5
0
0
6
U
T
P0
5
.
.
.
0
1
0
6
U
T
P0
0
1
.
.
.
5
1
0
6
U
T
P0
5
1
.
.
.
0
3
0
6
U
T
P0
0
3
.
.
.
0
5
0
6
U
T
P0
0
5
.
.
.
0
0
1
6
U
T
P0
0
0
1
.
.
.
0
5
1
6
U
T
P0
0
5
1
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
4
t
e
s
f
f
O2
0
.
04
0
.
0
C
°
/
O
S
F
%
n
a
p
S2
0
.
04
0
.
0
)
C
°
5
8
o
t
0
7
,
C
°
0
o
t
5
2
-
(t
e
s
f
f
O3
0
.
0
n
a
p
S3
0
.
0
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
5
1
.
0
±5
2
.
0
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
2
.
0
±
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O5
0
.
0
V
/
O
S
F
%
n
a
p
S5
0
.
0


Similar Part No. - BTEM6250A4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM6200G0 SENSORTECHNICS-BTEM6200G0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
BTEM6200G1 SENSORTECHNICS-BTEM6200G1 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
BTEM6200G4 SENSORTECHNICS-BTEM6200G4 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
BTEM6200G5 SENSORTECHNICS-BTEM6200G5 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
More results

Similar Description - BTEM6250A4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com