Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1P5-05S33 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # TEA1P5-05S33
Description  1.5 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TEA1P5-05S33 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  TEA1P5-05S33 Datasheet HTML 1Page - Power Mate Technology Co., LTD TEA1P5-05S33 Datasheet HTML 2Page - Power Mate Technology Co., LTD TEA1P5-05S33 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/01/25
FEATURES
1.5 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 400mA
PACKAGE, 1.10 x 0.63 x 0.31 INCH
HIGH EFFICIENCY UP TO 76%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED SHIELD
SWITCHING FREQUENCY 100K TO 1500KHz.
NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
LOW RIPPLE & NOISE
OVER CURRENT PROTECTION
SHORT CIRCUIT PROTECTION
LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
DESIGN MEETS J60950-1, UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The TEA1P5 series offer 1.5 watts of output power from a 1.10 x 0.63 x 0.31 inch
package without derating to 85ºC and without external input/output capacitor. The
TEA1P5 series with 2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC
and features 500VAC of isolation, short-circuit protection.
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
L-C filter
Input surge voltage
100mS max
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15VDC
36VDC
50VDC
100VDC
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC to +85ºC (Non-derating)
Maximum case temperature
100ºC
Storage temperature range
-55ºC to +105ºC
Cooling
Nature convection
Thermal shock
MIL-STD-810F
Vibration
At no operation, 10~55~10Hz (sweep for 15min.) amplitude
1.5mm constant (maximum 9G X, Y, Z 2hrs each)
Operating humidity range
20% to 95% RH
Storage humidity range
20% to 95% RH
EMC CHARACTERISTICS
EMI(Note 9)
EN55022
Class A
OUTPUT SPECIFICATIONS
Maximum output power
1.5 Watts
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full Load
± 0.5%
Ripple and noise
50MHz bandwidth
See table
Maximum temperature drift
±0.02% / ºC, max.
Transient response recovery time
25% load step change
500μS, typ.
Short circuit protection
Continuous, automatics recovery
Over current protection
180%, typ.
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset) (Note 6)
Model number
Open
-Vout shorted
+Vout shorted
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
±12V
3.67V
6V
15V
±15V
2.84V
4.3V
-
-
Model number
Open
-Vout connected
with resistance (7)
+Vout connected
with resistance (7)
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
±12V
3.3 to 3.67V
5 to 6V
12 to 15V
±12 to ±15V
(8-1)
(8-3)
(8-5)
(8-6)
3.3 to 2.84V
5 to 4.3V
-
-
(8-2)
(8-4)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
500 Vac
Isolation resistance
Input to Output
Input (Output) to Case
500VDC 50M ohms
Isolation capacitance
300 pF, max.
Safety standard pending
IEC60950-1, J60950-1, UL60950-1, EN60950-1
Switching frequency
Full load to No load
100K to 1500K Hz
Case material
Metal case
Base material
None
Weight
8.0g (0.28oz)
Dimension
1.10 x 0.63 x 0.31 Inch
(28.0 x 16.0 x 7.8 mm)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
4.456 x 10
6 hrs
4.871 x 10
6 hrs
TECHNICAL SPECI F ICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - TEA1P5-05S33

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505 TRACOPOWER-TEA1-0505 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505E TRACOPOWER-TEA1-0505E Datasheet
2Mb / 3P
   TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
   TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
More results

Similar Description - TEA1P5-05S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com