Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEB100-48S05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # QEB100-48S05
Description  100 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB100-48S05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  QEB100-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB100-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB100-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD QEB100-48S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4 Issued Date:2008/05/21
PRODUCT OPTIONS TABLE
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
-
Negative remote ON/OFF logic, 0.145” pin length
-L
Negative remote ON/OFF logic, 0.11” pin length
-K
Positive remote ON/OFF logic, 0.20” pin length
-P
Positive remote ON/OFF logic, 0.145” pin length
-S
Positive remote ON/OFF logic, 0.11” pin length
-M
Output can be externally trimmed by
using the method shown below.
EXTERNAL OUTPUT TRIMMING
7
6
TRIM UP
RU
6
5
TRIM DOWN
RD
PIN
Define
1
- INPUT
2
ON/OFF
3
+ INPUT
4
- OUTPUT
5
- SENSE
6
TRIM
7
+ SENSE
8
+ OUTPUT
PIN CONNECTION
Example:QEB100-48S3P3-P


Similar Part No. - QEB100-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB100 P-DUKE-QEB100 Datasheet
397Kb / 3P
   100 WATTS DC-DC CONVERTER
QEB100 P-DUKE-QEB100_14 Datasheet
394Kb / 3P
   100 WATTS DC-DC CONVERTER
More results

Similar Description - QEB100-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC100-48S1P8 P-DUKE-HEC100-48S1P8 Datasheet
342Kb / 4P
   100 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com