Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1P5-05S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # TEA1P5-05S05
Description  1.5 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TEA1P5-05S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  TEA1P5-05S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD TEA1P5-05S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD TEA1P5-05S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/01/25
TEA1P5-48S05
Efficiency VS Input Voltage
70
72
74
76
78
80
82
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
TEA1P5-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Output
Voltage Range Min. load Full load
Output
(2)
Ripple&Noise No Load
(3)
Full Load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
TEA1P5-05S33 4.5 – 9 VDC 3.3 VDC 2.84 – 3.67 VDC
0mA
400mA
75mVp-p
25mA
407mA
69
1650μF
TEA1P5-05S05 4.5 – 9 VDC
5 VDC
4.3 – 6 VDC
0mA
300mA
75mVp-p
30mA
435mA
73
750μF
TEA1P5-05S12 4.5 – 9 VDC 12 VDC
12 – 15 VDC
0mA
125mA
75mVp-p
35mA
434mA
73
350μF
TEA1P5-05D12 4.5 – 9 VDC ±12 VDC
±12 – ±15 VDC
0mA
±60mA
75mVp-p
45mA
412mA
74
±120μF
TEA1P5-12S33 9 – 18 VDC 3.3 VDC 2.84 – 3.67 VDC
0mA
400mA
75mVp-p
10mA
158mA
74
1650μF
TEA1P5-12S05 9 – 18 VDC
5 VDC
4.3 – 6 VDC
0mA
300mA
75mVp-p
10mA
177mA
75
750μF
TEA1P5-12S12 9 – 18 VDC
12 VDC
12 – 15 VDC
0mA
125mA
75mVp-p
15mA
172mA
77
350μF
TEA1P5-12D12 9 – 18 VDC ±12 VDC
±12 – ±15 VDC
0mA
±60mA
75mVp-p
30mA
172mA
74
±120μF
TEA1P5-24S33 18 – 36 VDC 3.3 VDC 2.84 – 3.67 VDC
0mA
400mA
75mVp-p
5mA
81mA
72
1650μF
TEA1P5-24S05 18 – 36 VDC
5 VDC
4.3 – 6 VDC
0mA
300mA
75mVp-p
5mA
88mA
75
750μF
TEA1P5-24S12 18 – 36 VDC 12 VDC
12 – 15 VDC
0mA
125mA
75mVp-p
10mA
88mA
75
350μF
TEA1P5-24D12 18 – 36 VDC ±12 VDC
±12 – ±15 VDC
0mA
±60mA
75mVp-p
10mA
85mA
75
±120μF
TEA1P5-48S33 36 – 75 VDC 3.3 VDC 2.84 – 3.67 VDC
0mA
400mA
75mVp-p
5mA
40mA
74
1650μF
TEA1P5-48S05 36 – 75 VDC
5 VDC
4.3 – 6 VDC
0mA
300mA
75mVp-p
5mA
44mA
76
750μF
TEA1P5-48S12 36 – 75 VDC 12 VDC
12 – 15 VDC
0mA
125mA
75mVp-p
5mA
44mA
75
350μF
TEA1P5-48D12 36 – 75 VDC ±12 VDC
±12 – ±15 VDC
0mA
±60mA
75mVp-p
5mA
43mA
75
±120μF
TEA1P5-48S05 Derating Curve
0
20
40
60
80
100
120
-25
0
25
50
75
100
AMBIENT TEMPERATURE(℃)
85
Note:
1. BELLCORE TR-NWT-000332. Case 1:50% Stress, temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The following output voltage can be obtained by connecting this terminal to an output + or – terminal. Unless the
output voltage is adjusted, this terminal should be open.
7. In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as shown below.
8. Arithmetic expression connected resistance: R ( KΩ )
8-1 Vo=(3.3*R+36.7)/(R+10)
8-2 Vo=(3.3*R+36.7)/(R+12.92)
8-3 Vo=2.5*[2+2.7/(R+6.8)]
8-4 Vo=2.5*[2-2.7/(R+9.5)]
8-5 Vo=2.5+9.5(R+10.9)/(R+8.2) [Between two outputs] 8-6 Vo=2.5+22*(R+12.7)/(R+10) [Between two outputs]
9. The TEA1P5 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend : 05Vin : 10μF/25V 1210 MLCC
12Vin : 4.7μF/25V 1210 MLCC
24Vin : 3.3μF/50V 1210 MLCC
48Vin : 1.5μF/100V 1812 MLCC


Similar Part No. - TEA1P5-05S05

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505 TRACOPOWER-TEA1-0505 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505E TRACOPOWER-TEA1-0505E Datasheet
2Mb / 3P
   TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
   TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
More results

Similar Description - TEA1P5-05S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com