Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-03-ELR-RNA Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # SP-03-ELR-RNA
Description  155 Mbps SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-ELR-RNA Datasheet(HTML) 9 Page - Source Photonics, Inc.

  SP-03-ELR-RNA Datasheet HTML 1Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 2Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 3Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 4Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 5Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 6Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 7Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 8Page - Source Photonics, Inc. SP-03-ELR-RNA Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
9
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
155 Mbps SFP Transceiver
SP-03-ELR
LUMNDS883-Jul2908
Rev A.3
Ordering Information
Available Options:
SP-03-ELR-CDA
SP-03-ELR-RDA
SP-03-ELR-TDA
Part Numbering Definitions:
• Operating Temperature
C = Commercial temperature (-5 to 70 ºC)
R = Reduced Industrial (-20 to 85ºC)
T = Industrial temperature (-40 to 85 ºC)
• SP = Small Form Pluggable
03 = OC3 (155 Mbps)
ELR = Reach 120 km
• Diagnostic
D = Digital Diagnostic (SFF-8472)
N = No Diagnostic
• Design Revision
A = RoHS compliant
S P - 0 3 - ELR - Temperature
Diagnostic
Revision
SP-03-ELR-CNA
SP-03-ELR-RNA
SP-03-ELR-TNA


Similar Part No. - SP-03-ELR-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-IR1-CDA SOURCE-SP-03-IR1-CDA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
SP-03-IR1-CNA SOURCE-SP-03-IR1-CNA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
SP-03-IR1-IDFN SOURCE-SP-03-IR1-IDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
SP-03-IR1-TDA SOURCE-SP-03-IR1-TDA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
More results

Similar Description - SP-03-ELR-RNA

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-O3D-XLR MRV-SFP-O3D-XLR Datasheet
93Kb / 4P
   155 Mbps SFP Transceiver
logo
Source Photonics, Inc.
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SPC-03-LR-47CDA SOURCE-SPC-03-LR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
SP-03-LR2-CDA SOURCE-SP-03-LR2-CDA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3620G JMNIC-SPB-3620G Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3780G_2015 OPTOWAY-SPB-3780G_2015 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3640G OPTOWAY-SPB-3640G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37160-1590G_2015 OPTOWAY-SPB-37160-1590G_2015 Datasheet
187Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37200-1590G OPTOWAY-SPB-37200-1590G_15 Datasheet
185Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com