Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BD-TNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPL-34-GB-BD-TNA
Description  SFP Bi-Directional Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BD-TNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPL-34-GB-BD-TNA Datasheet HTML 1Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BD-TNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SFP Bi-Directional Transceiver
SPL-34-GB-BD
LUMINENTOIC.COM
LUMNDS1579-Jun1407
Rev A.3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
Features
• Compatible with IEEE 802.3ah, 1000Base-BX10
• Simplex LC Connector
• Digital Diagnostic SFF-8472 Compliant
• SFP MSA SFF-8074i Compliant
• 19dB Minimum Power Budget
• 40km Minimum Reach
• Commercial temperature available (-Cxx)
• Industrial temperature available (-Txx)
• Single 3.3V Supply
• 1310nm DFB Laser
• Telcordia GR-468 Compliant
• Color code Bail Latch : Blue
• RoHS compliant (lead free soldered)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejection
100
-
-
mVp-p
Operating Temperature (-CxA)
Topr
-5
-
70
ºC
Operating Temperature (-TxA)
Topr
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate
DR
-
1250
-
Mbps
General Operation
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-5
-2.5
0
dBm
Optical Crosstalk
XT
-
-45
-40
dB
Average Launch Power (Tx:Off)
Poff
-
-
-45
dBm
Extinction Ratio
ER
9
-
-
dB
Eye Mask
IEEE 802.3ah Compliant
Optical Rise Time (20% to 80% values)
tr
-
-
260
ps
Optical Fall Time (20% to 80% values)
tf
-
-
260
ps
Mean Wavelength
λ
1260
1310
1360
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Transmitter Reflectance
-
-
-
-12
dB
Reflection Tolerance
rp
12
-
-
dB
Transmitter Specifications (Optical)


Similar Part No. - SPL-34-GB-BD-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
More results

Similar Description - SPL-34-GB-BD-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com