Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9612S-K15EG Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-9612S-K15EG
Description  1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9612S-K15EG Datasheet(HTML) 7 Page - Source Photonics, Inc.

  FTM-9612S-K15EG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9612S-K15EG Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
15km point-to-point transmission
`
Aug. 27 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 9
Figure 3, Mechanical Design Diagram of the SFF 2*10 (Unit: mm)
Ordering information
9
2
1
6
Wavelength
9: Multiwave in single fiber
1
5
E
K
S
G
FTM
Function
6:1310nm Tx/1490nm Rx
Date Rate
12:1.25G
Receptacle
S:SC
Package
K:SFF 2*10
Distance
15:15km
Temperature
E:Extended temperature
range 0~+850C
Others
G: RoHS compliance
Part No.
Product Description
FTM-9612S-K15EG
1310nm Tx/1490nm RX for ONU, 1.25Gbps, 15km, SFF 2*10, SC receptacle ,
0°C~+85°C, RoHS compliance


Similar Part No. - FTM-9612S-K15EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10IG SOURCE-FTM-9612S-SL10IG Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL15iG SOURCE-FTM-9612S-SL15iG Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9612S-K15EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC-60 SOURCE-B-13-15-622-TPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com