Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3401C-SL2CG Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-3401C-SL2CG
Description  100BASE-FX Spring-Latch SGMII SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3401C-SL2CG Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-3401C-SL2CG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3401C-SL2CG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
125M SGMII Spring-Latch SFP Transceiver
2km MMF transmission
Preliminary Datasheet
Nov. 13, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 10
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2-wire serial interface at
the 8-bit address 1010000X (A0h). For the memory contents, please refer to Table 5.
Table 5 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 00 00 20 00 00 00 00
Transmitter Code
11
1
Encoding
02
4B5B
12
1
BR, nominal
01
100Mbps
13
1
Reserved
00
14
1
Length (9um)-km 00
15
1
Length (9um) 00
16
1
Length (50um) C8
2km
17
1
Length (62.5um) C8
2km
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
46 54 4D 2D 33 34 30 31
43 2D 53 4C 32 43 47 20
“FTM-3401C-SL2CG” (ASC )
56—59
4
Vendor rev
xx xx xx xx
ASC ( “31 30 20 20” means 1.0 revision)
60—61
2
Wavelength
05 1E
1310nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year(2 bytes), Month(2 bytes), Day (2 bytes)
92—94
3
Reserved
00 00 00
95
1
CC_EXT
xx
Check sum of bytes 64 - 94
96—154
58
Vendor specific
155
1
Reserved
Read only
156-247
Vendor specific
248
1
Status
Read only
249
1
CFG0
Work mode configuration


Similar Part No. - FTM-3401C-SL2CG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL2ICG SOURCE-FTM-3401C-SL2ICG Datasheet
277Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
More results

Similar Description - FTM-3401C-SL2CG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL2ICG SOURCE-FTM-3401C-SL2ICG Datasheet
277Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-8401C-SL2CG SOURCE-FTM-8401C-SL2CG Datasheet
235Kb / 10P
   100BASE-FX Spring-Latch SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
   100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com