Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-5012S-G50G Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-5012S-G50G
Description  1.0625節?.25Gbps GBIC Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5012S-G50G Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-5012S-G50G Datasheet HTML 1Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5012S-G50G Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.25G GBIC Transceiver
50 km transmission
Preliminary Datasheet
Nov 14, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 3
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-11-15 下午 04:56
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Operating Case Temperature
TC
0
+70
°C
Power Supply Voltage
VCC
3.1
5.5
V
Power Supply Current
ICC
300
mA
Data Rate
1.0625/1.25
Gbps
FTM-5012S-G50G (1550nm DFB and PIN, 50km)
Table 4 –Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1480
1550
1580
nm
Average Output Power
P0ut
-5
0
dBm
1
Spectral Width (-20dB)
∆λ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ration
EX
9
dB
P0ut@TX Disable Asserted
-45
dBm
1
Rise/Fall Time (20%~80%)
tr/tf
0.26
ns
2
1.25G
0.431
Total Jitter
1.0625G
TJ
0.43
UI
1.25G
0.2
Deterministic
Jitter
1.0625G
DJ
0.21
UI
3
Output Optical Eye
IEEE 802.3z and ANSI Fibre Channel compatible
4
Data Input Swing Differential
VIN
650
2000
mV
5
Input Differential Impedance
ZIN
140
150
160
Disable
2.0
Vcc+0.3
V
TX Disable
Enable
0
0.8
V
Fault
Host_VCC-0.5
Host_Vcc+0.3
V
TX Fault
Normal
0
0.5
V
Receiver
Centre Wavelength
λC
1270
1620
nm
Receiver Sensitivity
-22
dBm
6
Receiver Overload
0
dBm
Return Loss
12
dB
LOS De-Assert
LOSD
-24
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
1
4
dB
1.25G
0.749
Total Jitter
1.0625G
TJ
0.61
UI
1.25G
DJ
0.462
UI
3


Similar Part No. - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results

Similar Description - FTM-5012S-G50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com