Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9412S-F20DCG Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # FTM-9412S-F20DCG
Description  2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9412S-F20DCG Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button FTM-9412S-F20DCG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 10Page - Source Photonics, Inc. FTM-9412S-F20DCG Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2×5 SFF GEPON ONU Transceiver
FTM-9412S-F20(i)(DC)G
IEEE 802.3ah
TM 1000BASE-PX20U
Preliminary Data Sheet
Apr. 2, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
DS0000147-1a
Page 11 of 11
© Copyright Fiberxon Inc. 2007
All Rights Reserved.
All information contained in this document is subject to change without notice. The products described in this
document are NOT intended for use in implantation or other life support applications where malfunction may result
in injury or death to persons.
The information contained in this document does not affect or change Fiberxon’s product specifications or
warranties. Nothing in this document shall operate as an express or implied license or indemnity under the
intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in
specific environments, and is presented as an illustration. The results obtained in other operating environment may
vary.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN ”AS IS” BASIS. In no event will
Fiberxon be liable for damages arising directly from any use of the information contained in this document.
Contact
U.S.A. Headquarters:
5201 Great America Parkway, Suite 350
Santa Clara, CA 95054
U. S. A.
Tel: 408-562-6288
Fax: 408-562-6289
Or visit our website: http://www.fiberxon.com/


Similar Part No. - FTM-9412S-F20DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FD SOURCE-FTM-9412S-F20FD Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FDG SOURCE-FTM-9412S-F20FDG Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FG SOURCE-FTM-9412S-F20FG Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
More results

Similar Description - FTM-9412S-F20DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
Finisar Corporation.
FTRJ1319F1GTL FINISAR-FTRJ1319F1GTL Datasheet
238Kb / 9P
   2 Gigabit Long-Wavelength 2x5 Pin SFF Transceiver
logo
Optoway Technology Inc
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com