Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMA7185-2W Datasheet(PDF) 4 Page - Excelics Semiconductor, Inc.

Part # RFMA7185-2W
Description  7.10 - 8.50 GHz Power Amplifier MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA7185-2W Datasheet(HTML) 4 Page - Excelics Semiconductor, Inc.

  RFMA7185-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 3Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 4Page - Excelics Semiconductor, Inc. RFMA7185-2W Datasheet HTML 5Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RFMA7185 -2W
UPDATED 05/08/08
7.10 – 8.50 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 4 of 5
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2008
Package Dimension and Pin Assignment
Excelics
RFMA7185
Dimensions are in inches [mm]
Application Note
1. The package should be screwed onto a good heat sink and ground
2. Turn on/off sequence is required:
---to turn on: apply -5V first, then +10V.
---to turn off: turn +10V off first, then turn -5V off
3. Recommended Bias Circuit and Internal Block Diagram
“N/C” pins on package can be either
grounded or left open.
(No connection inside of package)
-2W


Similar Part No. - RFMA7185-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA7090-0.5W-Q7 EXCELICS-RFMA7090-0.5W-Q7 Datasheet
130Kb / 3P
   7.0 - 9.0 GHz High Gain Surface-Mounted PA
RFMA7090-1W-Q7 EXCELICS-RFMA7090-1W-Q7 Datasheet
131Kb / 3P
   7.0 - 9.0 GHz High Gain Surface-Mounted PA
More results

Similar Description - RFMA7185-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP210 EXCELICS-EMP210 Datasheet
145Kb / 3P
   9.5 - 12 GHz Power Amplifier MMIC
EMP211-P1 EXCELICS-EMP211-P1 Datasheet
94Kb / 2P
   9.0 - 12.0 GHz Power Amplifier MMIC
EMP212 EXCELICS-EMP212 Datasheet
200Kb / 2P
   9.50 - 12.0 GHz Power Amplifier MMIC
EMP214 EXCELICS-EMP214 Datasheet
205Kb / 3P
   12.50- 15.50 GHz Power Amplifier MMIC
EMP214-P1 EXCELICS-EMP214-P1 Datasheet
98Kb / 2P
   12.50 - 15.50 GHz Power Amplifier MMIC
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
   6.4 - 8.0 GHz Power Amplifier MMIC
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
EMP106-P1 EXCELICS-EMP106-P1 Datasheet
87Kb / 1P
   5.0 - 6.5 GHz Power Amplifier MMIC
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com