Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2-40E1AC Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # XRP2-40E1AC
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRP2-40E1AC Datasheet(HTML) 3 Page - Bel Fuse Inc.

  XRP2-40E1AC Datasheet HTML 1Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 2Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 3Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 4Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 5Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 6Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 7Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 8Page - Bel Fuse Inc. XRP2-40E1AC Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5 Vdc - 13.8 Vdc Input
0.6 Vdc - 5.0 Vdc/40 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=1.0 V
Vo=0.6 V
91%
89%
87%
84%
82%
79%
76%
68%
94%
92%
90%
87%
85%
82%
79%
71%
-
-
-
-
-
-
-
-
Measured at Vin=12 V, full load.
Switching Frequency
-
500 kHz
-
Output Voltage Trim Range
0.6 V
-
5 V
Trim pin is open, Vo = 0.6 V.
Over Voltage Protection
110% Vo,set
115%Vo,set
130%Vo,set
Vin=12 V, Io=full load.
2,392,000 hours
Calculated Per Bell Core SR-332
(IO = 80%Iomax; Vin=12 V; Ta = 25
°C;0RP2-40E1AC)
MTBF
3,061,000 hours
Calculated Per Bell Core SR-332
(IO = 80%Iomax; Vin=12 V; Ta = 25
°C;VRP2-40E1AC)
Dimensions (horizontal mount)
Inches (L × W × H)
Millimeters (L × W × H)
1.45 x 1.10 x 0.50
36.83 x 27.94 x 12.7
Dimensions (vertical mount)
Inches (L × W × H)
Millimeters (L × W × H)
1.45 x 1.10 x 0.377
36.83 x 27.94 x 9.58
Weight
-
19 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off (Active High)
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
2.0 V
-
Vin,max
Remote On/Off pin is open, unit is on.
Current Source/Sink
0 mA
-
3.3 mA
PwGood (PowerGood)
2.4 V
-
5.25 V
PwGood = High = Power
Good
-
-
2 mA
0 V
-
0.4 V
PwGood = Low = Power
Not Good
-
-
4 mA
Output Trim Equation
The Trim resistor should be connected between the Trim+ pin and Trim- pin.
Module
Vout
Trim+
Trim–
Rtrim
)
(
6
.
0
2
.
1
Ω
=
K
Vo
R
trim


Similar Part No. - XRP2-40E1AC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRP2-40E1A0 BEL-XRP2-40E1A0 Datasheet
597Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
XRP2-40E1A0 BEL-XRP2-40E1A0 Datasheet
599Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
XRP2-40E1A0 BEL-XRP2-40E1A0_09 Datasheet
599Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
xRP2-40E1A1 BEL-xRP2-40E1A1 Datasheet
597Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRP2-40E1AC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com