Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N825A Datasheet(PDF) 2 Page - Motorola, Inc

Part # 1N825A
Description  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N825A Datasheet(HTML) 2 Page - Motorola, Inc

  1N825A Datasheet HTML 1Page - Motorola, Inc 1N825A Datasheet HTML 2Page - Motorola, Inc 1N825A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N821,A
1N823,A
1N825,A
1N827,A
1N829,A
Motorola TVS/Zener Device Data
8-2
6.2 Volt OTC 400 mW DO-35 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
MAXIMUM VOLTAGE CHANGE versus AMBIENT TEMPERATURE
(with IZT = 7.5 mA ±0.01 mA) (See Note 3)
1N821 through 1N829
Figure 1a
Figure 1b
∆VZ = +31 mV
∆VZ = –31 mV
IZT = 7.5 mA
1N821,A
1N823,A
1N825,A
1N829,A
1N827,A
1N827,A
1N825,A
1N823,A
1N821,A
100
75
50
25
0
–25
–50
–75
–10
0–55
0
50
100
TA, AMBIENT TEMPERATURE (°C)
–55
0
50
100
–20
–15
–10
–5
0
5
10
15
20
1N821,A
25
1N823,A
1N825,A
1N827,A
1N829,A
1N829,A
1N827,A
1N825,A
1N823,A
1N821,A
–25
ZENER CURRENT versus MAXIMUM VOLTAGE CHANGE
(At Specified Temperatures)
(See Note 4)
MORE THAN 95% OF THE UNITS ARE IN THE RANGES INDICATED BY THE CURVES.
Figure 2. 1N821 Series
Figure 3. 1N821A Series
10
9
8
7.5
7
6
5
4
–75
–50
–25
0
25
50
+100
°C
IZT
+25
°C
–55
°C
+25
°C
+100
°C
–55
°C
10
9
8
7.5
7
6
5
4
∆VZ, MAXIMUM VOLTAGE CHANGE (mV)
(Referenced to IZT = 7.5 mA)
–75
–50
–25
0
25
50
∆VZ, MAXIMUM VOLTAGE CHANGE (mV)
(Referenced to IZT = 7.5 mA)
–55
°C
+25
°C
+100
°C
IZT
–55
°C
+25
°C
+100
°C


Similar Part No. - 1N825A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N825A MOTOROLA-1N825A Datasheet
36Kb / 4P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N825A PHILIPS-1N825A Datasheet
28Kb / 5P
   Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N825A CDI-DIODE-1N825A Datasheet
97Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N825A MICROSEMI-1N825A Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N825A MICROSEMI-1N825A Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N825A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com