Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2530F256 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # CC2530F256
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

CC2530F256 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  CC2530F256 Datasheet HTML 1Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 2Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 3Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 4Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 5Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 6Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 7Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 8Page - Aplus Intergrated Circuits CC2530F256 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
APPLICATIONS
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Accurate Digital RSSI/LQI Support
2345
• RF/Layout
Battery Monitor and Temperature Sensor
2.4-GHz IEEE 802.15.4 Compliant RF
12-Bit ADC With Eight Channels and
Transceiver
Configurable Resolution
Excellent Receiver Sensitivity and
AES Security Coprocessor
Robustness to Interference
Two Powerful USARTs With Support for
Programmable Output Power Up to 4.5 dBm
Several Serial Protocols
Very Few External Components
21 General-Purpose I/O Pins (19× 4 mA, 2×
20 mA)
Only a Single Crystal Needed for Mesh
Network Systems
Watchdog Timer
6-mm × 6-mm QFN40 Package
• Development Tools
Suitable for Systems Targeting Compliance
CC2530 Development Kit
With Worldwide Radio-Frequency
CC2530 ZigBee® Development Kit
Regulations: ETSI EN 300 328 and EN 300
CC2530 RemoTI™ Development Kit for
440 (Europe), FCC CFR47 Part 15 (US) and
RF4CE
ARIB STD-T-66 (Japan)
SmartRF™ Software
• Low Power
Packet Sniffer
Active-Mode RX (CPU Idle): 24 mA
IAR Embedded Workbench™ Available
Active Mode TX at 1 dBm (CPU Idle): 29 mA
Power Mode 1 (4
µs Wake-Up): 0.2 mA
Power Mode 2 (Sleep Timer Running): 1
µA
• 2.4-GHz IEEE 802.15.4 Systems
Power Mode 3 (External Interrupts): 0.4
µA
• RF4CE Remote Control Systems (64-KB Flash
and Higher)
Wide Supply-Voltage Range (2 V–3.6 V)
• ZigBee Systems (256-KB Flash)
• Microcontroller
• Home/Building Automation
High-Performance and Low-Power 8051
• Lighting Systems
Microcontroller Core With Code Prefetch
• Industrial Control and Monitoring
32-, 64-, 128-, or 256-KB
• Low-Power Wireless Sensor Networks
In-System-Programmable Flash
• Consumer Electronics
8-KB RAM With Retention in All Power
• Health Care
Modes
Hardware Debug Support
• Peripherals
Powerful Five-Channel DMA
IEEE 802.15.4 MAC Timer, General-Purpose
Timers (One 16-Bit, Two 8-Bit)
IR Generation Circuitry
32-kHz Sleep Timer With Capture
CSMA/CA Hardware Support
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
RemoTI, SmartRF, Z-Stack are trademarks of Texas Instruments.
3
IAR Embedded Workbench is a trademark of IAR Systems AB.
4
ZigBee is a registered trademark of the ZigBee Alliance.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2530F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2530F256 TI-CC2530F256 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256 TI-CC2530F256 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256 TI-CC2530F256 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256 TI-CC2530F256 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256 TI-CC2530F256 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com