Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTUM70010GF0 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CTUM70010GF0
Description  Miniature pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTUM70010GF0 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CTUM70010GF0 Datasheet HTML 1Page - Sensortechnics GmbH CTUM70010GF0 Datasheet HTML 2Page - Sensortechnics GmbH CTUM70010GF0 Datasheet HTML 3Page - Sensortechnics GmbH CTUM70010GF0 Datasheet HTML 4Page - Sensortechnics GmbH CTUM70010GF0 Datasheet HTML 5Page - Sensortechnics GmbH CTUM70010GF0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CTE7000 / CTU7000 Series
Miniature pressure transmitters
1/6
December 2008 / 507
www.sensortechnics.com
ELECTRICAL CONNECTION
0...10 V, 0.5...4.5 V, 0...5 V output
4...20 mA output
FEATURES
· 0...10 mbar to 0...7 bar,
0...0.15 to 0...100 psi
gage1 or absolute10
· 0...5 V, 0...10 V, 0.5...4.5 V or
4...20 mA output
· Single supply
· Field interchangeable
· Rugged stainless steel housing
SPECIFICATIONS12,13
Maximum ratings
Supply voltage (reverse polarity protection)
CTE(M)/CTU7...011
CTE(M)/CTU7...6, ...711
CTE(M)/CTU7...42
Maximum load current (source)
CTE(M)/CTU7...0, ...6, ...7
Temperature limits
Storage
Operating
Compensated
Humidity limits
Vibration (5 to 500 Hz)
Mechanical shock
12...32 V
9...32 V
9...32 V
1 mA
-55 to 100°C
-40 to 85°C
0 to 50°C
0 - 98 %RH
2 g
RMS
50 g
MEDIA COMPATIBILITY
Wetted materials:
stainless steel 1.4404 (316), nylon, silicon,
silicone-sealant and epoxy9
Housing:
stainless steel, protection class IP 64 (according to
DIN EN 60529) respectively NEMA 41
sensor
Vout
GND
-Vs
V
12 (9) to 32 V
+Vs
case
1
4
3
2
11
-Vs
+Vs
N/C
9 to 32 V
GND
L
R
V
1
case
2
3
4
sensor


Similar Part No. - CTUM70010GF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTUM8005G4CXS SENSORTECHNICS-CTUM8005G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8010G4CXS SENSORTECHNICS-CTUM8010G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8015G4CXS SENSORTECHNICS-CTUM8015G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8020G4CXS SENSORTECHNICS-CTUM8020G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8030G4CXS SENSORTECHNICS-CTUM8030G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - CTUM70010GF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com