Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTUM70025GF0 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CTUM70025GF0
Description  Miniature pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTUM70025GF0 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CTUM70025GF0 Datasheet HTML 1Page - Sensortechnics GmbH CTUM70025GF0 Datasheet HTML 2Page - Sensortechnics GmbH CTUM70025GF0 Datasheet HTML 3Page - Sensortechnics GmbH CTUM70025GF0 Datasheet HTML 4Page - Sensortechnics GmbH CTUM70025GF0 Datasheet HTML 5Page - Sensortechnics GmbH CTUM70025GF0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CTE7000 / CTU7000 Series
Miniature pressure transmitters
2/6
December 2008 / 507
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mf
o
o
r
P
3
t
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
0
1
0
0
7
M
E
T
C
.
.
.
0
1
0
N
7
M
E
T
C
0
0
1
-
0
1
0
1
0
5
2
0
5
2
r
a
b
m
.
.
.
5
2
0
0
7
M
E
T
C
.
.
.
5
2
0
N
7
M
E
T
C
0
5
2
-
5
2
5
2
0
5
3
0
5
3
.
.
.
0
7
0
0
7
M
E
T
C
.
.
.
0
7
0
N
7
M
E
T
C
0
0
7
-
0
7
0
7
0
0
0
1
0
0
0
1
.
.
.
0
5
3
0
7
M
E
T
C
.
.
.
0
5
3
N
7
M
E
T
C
0
0
5
3
-
0
5
3
0
5
3
0
0
0
1
0
0
0
1
.
.
.
1
0
0
7
E
T
C
.
.
.
1
0
N
7
E
T
C
.
.
.
1
0
P
7
E
T
C
0
1
-
1
-
1
1
0
2
2
2
r
a
b
.
.
.
2
0
0
7
E
T
C
.
.
.
5
0
0
7
E
T
C
.
.
.
7
0
0
7
E
T
C
0
0
0
2
5
7
4
0
1
0
1
.
.
.
5
1
x
0
0
7
U
T
C
.
.
.
5
1
x
0
N
7
U
T
C
0
5
1
.
0
-
5
1
.
0
5
1
.
0
6
.
3
6
.
3
i
s
p
.
.
.
3
x
0
0
7
U
T
C
.
.
.
3
x
0
N
7
U
T
C
0
3
.
0
-
3
.
0
3
.
0
5
5
.
.
.
1
0
0
7
U
T
C
.
.
.
1
0
N
7
U
T
C
0
1
-
1
1
5
1
5
1
.
.
.
5
0
0
7
U
T
C
.
.
.
5
0
N
7
U
T
C
0
5
-
5
5
5
1
5
1
.
.
.
5
1
0
7
U
T
C
.
.
.
5
1
N
7
U
T
C
.
.
.
5
1
P
7
U
T
C
0
5
1
-
5
1
-
5
1
5
1
0
0
3
0
3
0
3
.
.
.
0
3
0
7
U
T
C
.
.
.
0
0
1
7
U
T
C
0
0
0
3
0
0
1
0
6
0
5
1
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
5
o
t
0
(
4
t
e
s
f
f
O/
.
.
.
0
1
0
N
7
M
E
T
C
,
.
.
.
0
1
0
0
7
M
E
T
C
.
.
.
5
1
x
0
N
7
U
T
C
,
.
.
.
5
1
x
0
0
7
U
T
C
8
0
.
0
C
°
/
O
S
F
%
/
.
.
.
5
2
0
N
7
M
E
T
C
,
.
.
.
5
2
0
0
7
M
E
T
C
.
.
.
3
x
0
N
7
U
T
C
,
.
.
.
3
x
0
0
7
U
T
C
8
0
.
0
s
r
e
h
t
o
ll
a4
0
.
0
n
a
p
S4
0
.
0
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
o
t
0
5
,
C
°
0
o
t
0
2
-
(
t
e
s
f
f
O
n
a
p
S
3
0
.
0
3
0
.
0
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
5
2
.
0
±0
5
.
0
±
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
5
.
0
±
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
0
.
1s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O7
.
.
.
,
6
.
.
.
,
0
.
.
.
7
U
T
C
/
)
M
(
E
T
C
U
T
C
/
)
M
(
E
T
C4
.
.
.
7
2
0
0
.
0
5
0
.
0
V
/
O
S
F
%
n
a
p
S7
.
.
.
,
6
.
.
.
,
0
.
.
.
7
U
T
C
/
)
M
(
E
T
C
4
.
.
.
7
U
T
C
/
)
M
(
E
T
C
2
0
0
.
0
8
0
.
0


Similar Part No. - CTUM70025GF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTUM8005G4CXS SENSORTECHNICS-CTUM8005G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8010G4CXS SENSORTECHNICS-CTUM8010G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8015G4CXS SENSORTECHNICS-CTUM8015G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8020G4CXS SENSORTECHNICS-CTUM8020G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8030G4CXS SENSORTECHNICS-CTUM8030G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - CTUM70025GF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com