Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTUM7N010AD6 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # CTUM7N010AD6
Description  Miniature pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTUM7N010AD6 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  CTUM7N010AD6 Datasheet HTML 1Page - Sensortechnics GmbH CTUM7N010AD6 Datasheet HTML 2Page - Sensortechnics GmbH CTUM7N010AD6 Datasheet HTML 3Page - Sensortechnics GmbH CTUM7N010AD6 Datasheet HTML 4Page - Sensortechnics GmbH CTUM7N010AD6 Datasheet HTML 5Page - Sensortechnics GmbH CTUM7N010AD6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CTE7000 / CTU7000 Series
Miniature pressure transmitters
6/6
December 2008 / 507
www.sensortechnics.com
E:
bar calibration
U: psi calibration
mbar-ranges
(only)
CTE7000 series
0010:
0 to 10 mbar
N010:
-10 to 10 mbar
0025:
0 to 25 mbar
N025:
-25 to 25 mbar
0070:
0 to 70 mbar
N070:
-70 to 70 mbar
0350:
0 to 350 mbar
N350: -350 to 350 mbar
001:
0 to 1 bar
N01:
-1 to 1 bar
P01:
0 to -1 bar
002:
0 to 2 bar
005:
0 to 5 bar
007:
0 to 7 bar
Pressure mode
G:
gage pressure1
A:
absolute pressure
(available for pressure ranges from 1 bar /15 psi absolute upwards only)
ORDERING INFORMATION
CTx
M
7xxxx
x
x
x
Output signal
0:
0...10 V
4:
4...20 mA
6:
0.5...4.5 V
7:
0...5 V
Fitting size
D:
1/8" BSPT male, brass, nickel plated
E:
1/4" BSPT male, brass, nickel plated
F:
3/8" BSPT male, brass, nickel plated
G:
1/2" BSPT male, brass, nickel plated
K:
1/8" NPT male, brass
L:
1/4" NPT male, brass
M: 1/8" NPT male, SS 1.4305 (303)
N:
1/4" NPT male, SS 1.4305 (303)
P:
G 1/8" (BSP) male, brass, nickel plated
Q:
G 1/4" (BSP) male, brass, nickel plated
R:
G 3/8" (BSP) male, brass, nickel plated
S:
G 1/2" (BSP) male, brass, nickel plated
U:
G 1/8" (BSP) female, brass, nickel plated
V:
G 1/4" (BSP) female, brass, nickel plated
W: G 3/8" (BSP) female, brass, nickel plated
X:
G 1/2" (BSP) female, brass, nickel plated
Y:
G 1/8" (BSP) male, SS 1.4404 (316)
no optional fitting
CTU7000 series
00x15:
0 to 0.15 psi
N0x15: -0.15 to 0.15 psi
00x3:
0 to 0.3 psi
N0x3:
-0.3 to 0.3 psi
001:
0 to 1 psi
N01:
-1 to 1 psi
005:
0 to 5 psi
N05:
-5 to 5 psi
015:
0 to 15 psi
N15:
-15 to 15 psi
P15:
0 to -15 psi
030:
0 to 30 psi
100:
0 to 100 psi
ELECTROMAGNETIC CAPABILITY8
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<


Similar Part No. - CTUM7N010AD6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTUM8005G4CXS SENSORTECHNICS-CTUM8005G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8010G4CXS SENSORTECHNICS-CTUM8010G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8015G4CXS SENSORTECHNICS-CTUM8015G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8020G4CXS SENSORTECHNICS-CTUM8020G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
CTUM8030G4CXS SENSORTECHNICS-CTUM8030G4CXS Datasheet
75Kb / 4P
   OEM submersible pressure transducers
More results

Similar Description - CTUM7N010AD6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com