Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3413C-SLICG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-3413C-SLICG
Description  100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3413C-SLICG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-3413C-SLICG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3413C-SLICG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
125M/1.25G Spring-Latch SFP Transceiver
10km transmission
Preliminary Datasheet
Feb. 5, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 10
Table 4 - Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1270
1310
1355
nm
1000BASE-LX
P0ut
-9.5
-3
2
Average Output
Power
100BASE-LX
P0ut
-15
-8
dBm
2
P0ut@TX Disable Asserted
P0ut
-45
dBm
2
1000BASE-LX
4
Spectral Width
(RMS)
100BASE-LX
σ
7.7
nm
Extinction Ratio
EX
9
dB
1000BASE-LX
0.26
Rise/Fall Time
(20%~80%)
100BASE-LX
tr/tf
3
ns
3
1000BASE-LX
0.481
Total Jitter at
TP2
100BASE-LX
JT
0.4
UI
4
1000BASE-LX
0.250
Deterministic
Jitter at TP2
100BASE-LX
JD
0.305
UI
4
Output Optical Eye
Compatible with IEEE 802.3ah-2004
5
Data Input Swing Differential
(SGMII Series interface)
VIN
200
2100
mV
6
Input Differential Impedance
ZIN
80
100
120
Disable
2.0
Vcc
TX Disable
Enable
Vee
Vee+0.8
V
Fault
2.0
Vcc
TX Fault
Normal
Vee
Vee+0.5
V
Receiver
Centre Wavelength
λC
1260
1310
1570
nm
1000BASE-LX
-22
7
Receiver
Sensitivity
100BASE-LX
-28
dBm
8
1000BASE-LX
-3
7
Receiver
Overload
100BASE-LX
-8
dBm
8
Return Loss
12
dB
1000BASE-LX
-23
LOS De-Assert
100BASE-LX
LOSD
-29
dBm
1000BASE-LX
-35
LOS Assert
100BASE-LX
LOSA
-45
dBm
LOS Hysteresis
0.5
4.5
dB
1000BASE-LX
0.749
Total Jitter at
TP4
100BASE-LX
JT
0.51
UI
4
1000BASE-LX
0.462
Deterministic
Jitter at TP4
100BASE-LX
JD
0.305
UI
4
Data Output Swing Differential
(SGMII Series Interface)
VOUT
370
2000
mV
6
LOS
High
2.0
Vcc+0.3
V


Similar Part No. - FTM-3413C-SLICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
More results

Similar Description - FTM-3413C-SLICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Source Photonics, Inc.
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GE-LX-C ATGBICS-SFP-GE-LX-C Datasheet
322Kb / 9P
   SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-10-C ATGBICS-SFP-LX-10-C Datasheet
322Kb / 9P
   SFP-LX-10 ZyXEL Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com