Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC001NDR4 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # DC001NDR4
Description  SURSENSETM precision very low pressure sensors / V-output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC001NDR4 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  DC001NDR4 Datasheet HTML 1Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 2Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 3Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 4Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 5Page - Sensortechnics GmbH DC001NDR4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
PRESSURE SENSOR CHARACTERISTICS
Maximum ratings (for all devices)
Supply voltage V
S
4.9 to 5.1 V (DC...C4)
7 to 30 V (DC...R4, DC...R5)
Lead temperature (soldering 5 sec.)
315 °C
Maximum load current
Source
2 mA
Sink
20 µA
Environmental specifications (for all devices)
Temperature range
Compensated
0 to 50°C
Operating
-25 to +85°C
Storage
-40 to +125°C
Humidity limits (non-condensing)
0 to 95 %RH
.
o
n
t
r
a
Ps
e
g
n
a
r
e
r
u
s
s
e
r
Pe
r
u
s
s
e
r
p
f
o
o
r
P
1
e
r
u
s
s
e
r
p
t
s
r
u
B
2
.
.
.
N
1
0
0
C
DH
"
1
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
2
0
0
C
DH
"
2
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
5
R
2
C
DH
"
5
.
2
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
5
0
0
C
DH
"
5
2OH
"
0
5
1
2OH
"
0
0
3
2O
.
.
.
N
0
1
0
C
DH
"
0
1
2OH
"
0
5
1
2OH
"
0
0
3
2O
.
.
.
N
0
2
0
C
DH
"
0
2
2OH
"
0
0
3
2OH
"
0
5
4
2O
.
.
.
N
0
3
0
C
DH
"
0
3
2OH
"
0
5
4
2OH
"
0
0
6
2O
.
.
.
B
5
R
2
C
Dr
a
b
m
5
.
2r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
B
5
0
0
C
Dr
a
b
m
5r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
B
0
1
0
C
Dr
a
b
m
0
1r
a
b
m
5
7
3r
a
b
m
0
5
7
.
.
.
B
5
2
0
C
Dr
a
b
m
5
2r
a
b
m
5
7
3r
a
b
m
0
5
7
.
.
.
B
0
5
0
C
Dr
a
b
m
0
5r
a
b
m
0
5
7r
a
b
m
5
2
1
1
.
.
.
B
5
7
0
C
Dr
a
b
m
5
7r
a
b
m
5
2
1
1r
a
b
m
0
0
5
1
Notes
1
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element.
2
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing.
SPECIFICATIONS
CAUTION
Applications requiring supply voltages greater than 20 V on power-up must have a 10 Ohm resistor installed
between pin 1 of the sensor and the positiv (+) lead of the power supply.
If the sensor is subjected to a supply voltage of >20 V without ramp up, a current spike may occur causing the
operational amplifier and/or the ASIC to fail.
Do not operate above 30 V max. Due to internal component ratings, the maximum safe operating voltage
specification is 30 V.


Similar Part No. - DC001NDR4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
DC001NDR5 HONEYWELL-DC001NDR5 Datasheet
131Kb / 4P
   Pressure Sensors
More results

Similar Description - DC001NDR4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
   SURSENSETM precision very low pressure sensors / mV-output
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
   Precision compensated pressure sensors / mV-output
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com