Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW120450 Datasheet(PDF) 1 Page - Superworld Electronics

Part # WW120450
Description  Linear Adaptors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WW120450 Datasheet(HTML) 1 Page - Superworld Electronics

  WW120450 Datasheet HTML 1Page - Superworld Electronics WW120450 Datasheet HTML 2Page - Superworld Electronics WW120450 Datasheet HTML 3Page - Superworld Electronics WW120450 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION FOR APPROVAL
Product Name
Linear Adaptors
Page
Superworld Part No:
WW Series
Rev No
Features
1.Ergonomic Design
2.Region Specific Modeles
3.High Qquality Control
4.AC/AC , AC/DC unregulated models
5.Type Wall - Mount
6.Electrical Characteristics : AT 25 deg
7.Operation Temperature : 0 deg ~ 40 deg
8.Storage Temperature : - 40 deg ~ 80 deg
9.Power AC~AC 1.35VA to 12VA
AC~DC 1.35VA to 10.0VA
Safetys
1.regions: Japan - PSE,USA - UL/CUL,TUV/EMC , CE
2.Standards:UL1310,CSA22.2,EN50082 , EN50081 ,EN61000
Applications
1.Low Energy AC/DC Power Supply .
2.IT Equipment .
3.Chargers .
Demensions for reference :
SUPERWORLD ELECTRONICS (S) PTE LTD
America 120VAC / 60Hz
Europe
230VAC / 50Hz
Australia 220 ~ 240VAC / 50Hz
Japan
100VAC / 50/60Hz
China
220VAC / 50Hz
Input ( Region Specific)


Similar Part No. - WW120450

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
WW12 SEI-WW12 Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
List of Unclassifed Man...
WW122KWW1 ETC2-WW122KWW1 Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
WW12BB10K0 SEI-WW12BB10K0 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WW12BB1R00 SEI-WW12BB1R00 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WW12BBR500 SEI-WW12BBR500 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
More results

Similar Description - WW120450

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
   Linear Adaptors
WS030050 SUPERWORLD-WS030050 Datasheet
66Kb / 2P
   Linear Adaptors
WK060700 SUPERWORLD-WK060700 Datasheet
158Kb / 4P
   Linear Adaptors
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
   USB Adaptors, IEEE 1394 Cables and Adaptors
logo
Allen-Bradley
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
   Switchgear Adaptors
logo
Molex Electronics Ltd.
1210010231 MOLEX-1210010231 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
   Plugs and Adaptors
logo
Molex Electronics Ltd.
1210010234 MOLEX-1210010234 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
1210010220 MOLEX-1210010220 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
1210010262 MOLEX-1210010262 Datasheet
136Kb / 2P
   MPM A07 ADAPTORS
2009/05/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com