Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTEM9001GE0 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CTEM9001GE0
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9001GE0 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CTEM9001GE0 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9001GE0 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9001GE0 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9001GE0 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9001GE0 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9001GE0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
2/6
December 2008 / 509
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
0
5
3
9
M
E
T
C0
5
3
.
0
r
a
b
.
.
.
1
0
0
9
E
T
C
.
.
.
1
0
N
9
E
T
C
.
.
.
1
0
P
9
E
T
C
0
1
-
1
-
1
1
0
.
.
.
2
0
0
9
E
T
C
.
.
.
3
0
0
9
E
T
C
.
.
.
5
0
0
9
E
T
C
.
.
.
0
1
0
9
E
T
C
.
.
.
6
1
0
9
E
T
C
.
.
.
0
2
0
9
E
T
C
.
.
.
5
3
0
9
E
T
C
0
0
0
0
0
0
0
2
3
5
0
1
6
1
0
2
5
3
.
.
.
5
0
0
9
U
T
C0
5
i
s
p
.
.
.
5
1
0
9
U
T
C
.
.
.
5
1
N
9
U
T
C
5
1
P
9
U
T
C
0
5
1
-
5
1
-
5
1
5
1
0
.
.
.
0
3
0
9
U
T
C
.
.
.
0
5
0
9
U
T
C
.
.
.
0
0
1
9
U
T
C
.
.
.
0
0
3
9
U
T
C
.
.
.
0
0
5
9
U
T
C
0
0
0
0
0
0
3
0
5
0
0
1
0
0
3
0
0
5
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
o
t
0
(
4
t
e
s
f
f
O
n
a
p
S
2
0
.
0
±
2
0
.
0
±
5
0
.
0
±
5
0
.
0
±
C
°
/
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
0
1
o
t
0
7
,
C
°
0
o
t
0
4
-
(
t
e
s
f
f
O
n
a
p
S
3
0
.
0
±
3
0
.
0
±
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
5
2
.
0
±5
.
0
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
1
.
0
±
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O4
.
.
.
9
U
T
C
/
)
M
(
E
T
C
s
r
e
h
t
o
ll
a
5
0
.
0
±
2
0
0
.
0
±
V
/
O
S
F
%
n
a
p
S4
.
.
.
9
U
T
C
/
)
M
(
E
T
C
s
r
e
h
t
o
ll
a
8
0
.
0
±
2
0
0
.
0
±


Similar Part No. - CTEM9001GE0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9001G4CXS SENSORTECHNICS-CTEM9001G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
More results

Similar Description - CTEM9001GE0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com