Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTUM8015G4CXS Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CTUM8015G4CXS
Description  OEM submersible pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTUM8015G4CXS Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CTUM8015G4CXS Datasheet HTML 1Page - Sensortechnics GmbH CTUM8015G4CXS Datasheet HTML 2Page - Sensortechnics GmbH CTUM8015G4CXS Datasheet HTML 3Page - Sensortechnics GmbH CTUM8015G4CXS Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
August 2008 / 579
CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
www.sensortechnics.com
FEATURES
· 0...250 to 0...2000 mbar,
0...5 to 0...30 psi gage
· For corrosive media
· 4...20 mA output
· Field interchangeable
SPECIFICATIONS9,10
Maximum ratings
Supply voltage
(reverse polarity protection)2
Temperature limits
Storage
Operating
Compensated
Vibration (5 to 500 Hz)
Mechanical shock
Proof pressure3
ELECTRICAL CONNECTION
12...30 V
-40 to 70°C
-25 to 70°C
0 to 70°C
10 g
RMS
50 g
2 x rated pressure
MEDIA COMPATIBILITY
Wetted materials:
stainless steel 1.4404 (316L), ceramic Al
2O3, NBR
11,
PUR, PE, ABS, Loctite 603
Housing:
protection class IP 68 (according to DIN EN 60529)
respectively NEMA 6P1
bare
+12 V to 30 V
red
+Vs
L
GND
black
-Vs
R
V
sensor


Similar Part No. - CTUM8015G4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTUM70010AD0 SENSORTECHNICS-CTUM70010AD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTUM70010AD4 SENSORTECHNICS-CTUM70010AD4 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTUM70010AD6 SENSORTECHNICS-CTUM70010AD6 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTUM70010AD7 SENSORTECHNICS-CTUM70010AD7 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTUM70010AE0 SENSORTECHNICS-CTUM70010AE0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results

Similar Description - CTUM8015G4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
   OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com