Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-6128C-SL5057G Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-6128C-SL5057G
Description  155M~2.67Gbps Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6128C-SL5057G Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-6128C-SL5057G Datasheet HTML 1Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 2Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 3Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6128C-SL5057G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
155M~2.67Gbps Spring-latch SFP Transceiver
18/28dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 12
Centre Wavelength
λC
1270
1620
nm
6
2.488Gbps
-28
7
2.125Gbps
-28
Receiver
Sensitivity
1.0625/1.25Gbps
-29
dBm
8
Receiver Overload
-9
dBm
Reflection
-27
dB
LOS De-Assert
LOSD
-29
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
0.5
4.5
dB
Differential Data Output Swing
VOUT
400
1200
mV
10
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Notes:
1. “x” can be specified by the customer. The current available wavelengths are: 1471, 1491, 1511, 1531,
1551, 1571, 1591, 1611nm.
2. The optical power is launched into 9/125 SMF.
3. Measured with a PRBS 2
23-1 test pattern @2.488Gbps.
4. Internally AC-coupled.
5. If Pin 3 (TX Disable) is left open, TX is disabled
6. The 1610nm signal can also be received while the sensitivity is degraded.
7. Worst-case condition, measured with a PRBS 2
23-1 test pattern, BER better than or equal to 1×10-10
8. Worst-case condition, measured with a PRBS 2
7-1 test pattern, BER better than or equal to 1×10-12
9. It is for 80km transmission over G.652 SMF, measured with a PRBS 2
23-1 test pattern @2.488Gbps, BER
better than or equal to 1×10
-10.
10. AC-coupled CML logic family.
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at
the 8-bit address 1010000X (A0h). The memory contents refer to Table 6.
Table 6 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 0x 00 02 12 00 01 05
OC
48,
intermediate
or
long
reach,
1000BASE-LX, 1/2 FC. Where x could be A
or C. A for 50km and C for 80km
11
1
Encoding
03
NRZ
12
1
BR, nominal
18
2.488Gbps


Similar Part No. - FTM-6128C-SL5057G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6112C-SL10043G SOURCE-FTM-6112C-SL10043G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10045G SOURCE-FTM-6112C-SL10045G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10047G SOURCE-FTM-6112C-SL10047G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10049G SOURCE-FTM-6112C-SL10049G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
More results

Similar Description - FTM-6128C-SL5057G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com