Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BX-CDC Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPL-34-GB-BX-CDC
Description  SFP Bi-Directional Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BX-CDC Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPL-34-GB-BX-CDC Datasheet HTML 1Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BX-CDC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SFP Bi-Directional Transceiver
SPL-34-GB-BX
LUMINENTOIC.COM
LUMNDS433-Oct2706
Rev A.6
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate Time
t_on
-
-
1
ms
Tx Disable Assert Time
t_off
-
-
10
µs
Time to Initialize, Including Reset of Tx Fault
t_init
-
-
300
ms
Tx Fault Assert Time
t_fault
-
-
100
µs
Tx Disable to Reset
t_reset
10
-
-
µs
LOS Assert Time
t_loss_on
-
-
100
µs
LOS De-Assert Time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
KHz
RX_LOS Voltage (High)
Rx_LOSH
2
-
-
V
RX_LOS Voltage (Low)
RX_LOSL
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOS normal
Vee
-
Vee + 0.5
V
MOD_DEF (0:2)-High
Vh
2
-
Vcc
V
MOD_DEF (0:2)-Low
VI
Vee
-
Vee + 0.5
V
Timing and Electrical
Parameter
Range
Accuracy
Unit
Calibration Bit Value
Formula
Temperature(-TDx)
-40 to 85
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Temperature(-CDx)
-5 to 70
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
.1
V
Internal
100µV
V(Volts) = Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
-
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-9 to -3
±3
dBm
External
-
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned
integer)+Tx_PWRoffset
Rx Power
-20 to -3
±3
dBm
External
-
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics


Similar Part No. - SPL-34-GB-BX-CDC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
More results

Similar Description - SPL-34-GB-BX-CDC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com