Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLM80U0PS4D Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # OLM80U0PS4D
Description  High performance optical liquid level switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OLM80U0PS4D Datasheet(HTML) 3 Page - Sensortechnics GmbH

  OLM80U0PS4D Datasheet HTML 1Page - Sensortechnics GmbH OLM80U0PS4D Datasheet HTML 2Page - Sensortechnics GmbH OLM80U0PS4D Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OLM Series
High performance optical liquid level switches
3/3
E / 11636 / A
www.sensortechnics.com
OUTLINE DRAWING
mass: approx. 115 g
dimensions in mm
ORDERING INFORMATION
s
e
i
r
e
S
t
u
p
t
u
O
l
a
i
r
e
t
a
m
p
i
T
e
p
y
t
g
n
i
s
u
o
H
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
a
n
i
m
r
e
T
t
n
e
r
r
u
C
e
p
y
T
n
o
i
t
c
n
u
F
s
n
o
i
t
p
OM
L
O
1
0T
A
m
0
1L
T
T
e
l
b
i
t
a
p
m
o
c
0
w
o
L
r
i
a
n
i
P
-
l
u
s
y
l
o
P
e
n
o
h
p
S
2
/
1
G
)
P
S
B
(
2
C
°
0
8
.
.
.
5
2
-
D
1
x
2
1
M
)
7
6
P
I
(
U
0
8
A
m
0
0
8ll
u
P
-
h
s
u
P
1
h
g
i
H
r
i
a
n
i
T
T
P
N
2
/
1
*
4
C
°
5
2
1
.
.
.
0
4
-
M
m
3
,
e
l
b
a
C
)
7
6
P
I
(
r
o
f
e
l
b
a
l
i
a
v
a
t
o
n
*
s
n
o
i
s
r
e
v
.
.
.
0
T
1
0
.
.
.
:
e
l
p
m
a
x
E
M
L
O
U
0
8
0
P
S
2
D
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Custom specific options are widely available!
Please contact your nearest Sensortechnics sales office for further information.
22.4
57.4
72.9
24
M12 connector
M12 connector
G 1/2 (BSP) or
1/2 NPT thread
53.50
38
3
24
G 1/2 (BSP) or
1/2 NPT thread
3-core 22 AWG wire


Similar Part No. - OLM80U0PS4D

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLM-018 OSA-OLM-018 Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
OLM-018AIR OSA-OLM-018AIR Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
OLM-018B460Air OSA-OLM-018B460Air Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
OLM-018UV365Air OSA-OLM-018UV365Air Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
OLM-018UV390Air OSA-OLM-018UV390Air Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
More results

Similar Description - OLM80U0PS4D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com