Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBAH005DB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RBAH005DB
Description  Signal conditioned pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RBAH005DB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RBAH005DB Datasheet HTML 1Page - Sensortechnics GmbH RBAH005DB Datasheet HTML 2Page - Sensortechnics GmbH RBAH005DB Datasheet HTML 3Page - Sensortechnics GmbH RBAH005DB Datasheet HTML 4Page - Sensortechnics GmbH RBAH005DB Datasheet HTML 5Page - Sensortechnics GmbH RBAH005DB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RBA Series
Signal conditioned pressure sensors
1/6
E / 11717 / A
www.sensortechnics.com
FEATURES
· 0...10 inch H
2O to 0...100 psi,
0...±5 inch H
2O to 0...±100 psi,
absolute, gage or differential pressure
· 0.5...4.5 V ratiometric output
· Precision ASIC signal conditioning
· Temperature compensated
· Sensortechnics PRO services
ELECTRICAL CONNECTION
Note:
Capacitor 220 nF required
between +Vs and GND and
15 nF between Vout and GND.
It is important to place the
capacitors as close to the pins
as possible!
Pins 4, 5, 6, 7 and 8 are internal
device connections and should
not be connected for any reason!
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
4.75 V to 5.25 V
DC
max. 6.50 V
DC
Output current
Sink
2 mA
Source
2 mA
Lead temperature (2 - 4 sec.)
250 °C
Temperature ranges
Compensated
0 to +85 °C
Operating
-20 to +105 °C
Storage
-40 to +125 °C
Vibration
10 g at 20 - 2000 Hz
Shock
RBAP...
100 g for 11 ms
RBAH...
50 g for 11 ms
Caution!
The sensors are not reverse polarity protected.
Incorrect applications of excitation voltage or ground
to the wrong pin can cause electrical failure.
Application of supply voltage above the maximum
can cause electrical failure.
RBA
15 nF
220 nF
5
6
7
8
4
2
+Vs
Vout
GND
3
1
N/C
N/C
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.


Similar Part No. - RBAH005DB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RBA-1004B SANKEN-RBA-1004B Datasheet
24Kb / 1P
   Bridge Diodes (Schottky Barrier)
RBA-402 SANKEN-RBA-402 Datasheet
20Kb / 1P
   Bridge Diodes (Ultra-Fast-Recovery)
RBA-402L SANKEN-RBA-402L Datasheet
20Kb / 1P
   Bridge Diodes (Ultra-Fast-Recovery)
RBA-402L SANKEN-RBA-402L Datasheet
634Kb / 5P
   Ultra Fast Recovery Diode
RBA-404B SANKEN-RBA-404B Datasheet
24Kb / 1P
   Bridge Diodes (Schottky Barrier)
More results

Similar Description - RBAH005DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com