Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-AT1Z13D-4-41 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-AT1Z13D-4-41
Description  LED LIGHT BAR, ARROW DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AT1Z13D-4-41 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-AT1Z13D-4-41 Datasheet HTML 1Page - BetLux Electronics BL-AT1Z13D-4-41 Datasheet HTML 2Page - BetLux Electronics BL-AT1Z13D-4-41 Datasheet HTML 3Page - BetLux Electronics BL-AT1Z13D-4-41 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.betlux.com
LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z13
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Package & Circuit
Notes:
All dimensions are in millimeters (inches)
Tolerance is
0.25(0.01")unless otherwise noted.
Specifications are subject to change without notice.


Similar Part No. - BL-AT1Z13D-4-41

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AT1Z20 BETLUX-BL-AT1Z20 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20D-4-00 BETLUX-BL-AT1Z20D-4-00 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20D-4-01 BETLUX-BL-AT1Z20D-4-01 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20D-4-02 BETLUX-BL-AT1Z20D-4-02 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20D-4-03 BETLUX-BL-AT1Z20D-4-03 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
More results

Similar Description - BL-AT1Z13D-4-41

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AT1Z2546 BETLUX-BL-AT1Z2546 Datasheet
65Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT5Z3056 BETLUX-BL-AT5Z3056 Datasheet
69Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20 BETLUX-BL-AT1Z20 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT5Z4163 BETLUX-BL-AT5Z4163 Datasheet
67Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD7515-XX-PF LIGITEK-LBD7515-XX-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com