Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDI0811ARE8H3 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HDI0811ARE8H3
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDI0811ARE8H3 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HDI0811ARE8H3 Datasheet HTML 1Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 2Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 3Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 4Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 5Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 6Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 7Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 8Page - Sensortechnics GmbH HDI0811ARE8H3 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HDI Series
Amplified pressure sensors
1/11
E / 11650 / A
www.sensortechnics.com
FEATURES
· 10 mbar to 5 bar,
absolute, gage or differential pressure
· Digital I2C-bus and analog output
· Precision ASIC signal conditioning
· Calibrated and temperature
compensated
· SMT and DIP housings
· RoHS compliant
· Sensortechnics PRO services
ELECTRICAL CONNECTION
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
HDI...3
2.7 ... 3.3 V
DC
HDI...5
4.5 ... 5.5 V
DC
max. 6.50 V
DC
Output current
Sink
1 mA
Source
1 mA
Lead specifications
Average preheating temperature gradient
2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges5
Compensated
0 ... +85 °C
Operating
-20 ... +85 °C
Storage
-40 ... +125 °C
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
+Vs
Vout
SDA
SCL
GND
1
2
4
6
3


Similar Part No. - HDI0811ARE8H3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDI0811AR SENSORTECHNICS-HDI0811AR Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDI0811ARE8H3

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com