Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCEM100AR Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RCEM100AR
Description  Digital pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCEM100AR Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RCEM100AR Datasheet HTML 1Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 2Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 3Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 4Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 5Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 6Page - Sensortechnics GmbH RCEM100AR Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RCE Series
Digital pressure sensors
1/7
E / 11716 / A
www.sensortechnics.com
FEATURES
· 0...±10 mbar to 0...5 bar,
0...±4 inch H
2O to 0...100 psi,
absolute, gage or differential pressure
· Barometric pressure ranges
· SPI bus and analog output
· Precision ASIC conditioning
· Calibrated and temperature
compensated
· Total accuracy ±1.0 %FSS
· Sensortechnics PRO services
ELECTRICAL CONNECTION
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
4.75 V to 5.25 V
DC
max. 6.50 V
DC
Output current
Sink
1 mA
Source
1 mA
Maximum pressure on any port6
10 bar
Lead specifications
Average preheating temperature gradient 2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges
Compensated
0 to +85 °C
Operating
-10 to +85 °C
Storage
-20 to +105 °C
Caution!
The sensor is not reverse polarity protected. Incorrect applications of excitation voltage or ground to the wrong
pin can cause electrical failure. Application of supply voltage above the maximum can cause electrical failure.
Bottom view
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
Note: MOSI is internally connected to high level.
No external port is available.
CLK
Vout
SS
GND
+Vs
MISO
1
2
3
4
5
6
Pin 1
marked by dot


Similar Part No. - RCEM100AR

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RCE-95 GAMEWELL-FCI-RCE-95 Datasheet
76Kb / 2P
   Relay control element device
RCE-SS GAMEWELL-FCI-RCE-SS Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
logo
STEGO Elektrotechnik Gm...
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
   SMALL SEMICONDUCTOR HEATER
28.08.2020
logo
Murata Manufacturing Co...
RCE5C1H100J0A2H03B MURATA-RCE5C1H100J0A2H03B Datasheet
591Kb / 1P
   capacitor data sheet
RCE5C1H100J0DBH03A MURATA-RCE5C1H100J0DBH03A Datasheet
378Kb / 1P
   capacitor data sheet
More results

Similar Description - RCEM100AR

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
logo
Sensortechnics GmbH
LDES025U SENSORTECHNICS-LDES025U Datasheet
226Kb / 13P
   Digital low differential pressure sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLHR-F50D-E1BD-C-NAV8 ASC-DLHR-F50D-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com