Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA7.0AT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 1SMA7.0AT3
Description  Zener Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMA7.0AT3 Datasheet(HTML) 1 Page - Motorola, Inc

  1SMA7.0AT3 Datasheet HTML 1Page - Motorola, Inc 1SMA7.0AT3 Datasheet HTML 2Page - Motorola, Inc 1SMA7.0AT3 Datasheet HTML 3Page - Motorola, Inc 1SMA7.0AT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MOTOROLA
1SMA5.0AT3 through 1SMA78AT3
Zener Transient Voltage
Suppressors
Specification Features:
• Reverse Stand–Off Voltage Range: 5.0–78 V
• Peak Power — 400 Watts @ 1.0 ms
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Pico Seconds Response Time (0 V to BV)
• Flat Handling Surface for Accurate Placement
• Package Design for Top Side or Bottom Circuit Board Mounting
• Available in Tape and Reel
• Low Profile Package
Mechanical Characteristics:
• Case: Void–free, transfer-molded plastic
• Maximum Case Temperature for Soldering Purposes: 260°C for
10 seconds
• Finish: All external surfaces are corrosion resistant with readily solderable
leads
• Polarity: Cathode indicated by molded polarity notch
• Mounted Position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ TL = 25°C, PW = 10/1000 µs (Note 1)
Ppk
400
Watts
Peak Forward Surge @ TA = 25°C (JEDEC Method, Note 2)
IFSM
40
Amps
Thermal Resistance from Junction to Lead
R
θJL
29
°C/W
Thermal Resistance from Junction to Ambient
R
θJA
150
°C/W
Instantaneous Forward Voltage @ 40 A
VF
3.5
Volts
Operating and Storage Junction Temperature Range
TJ, Tstg
150
°C
* FR4 Board, using Motorola minimum recommended footprint, as shown in case 403B outline dimensions spec.
1. Non–repetitive current pulse.
2. Measured on 0.3 ms single half sine–wave or equivalent square wave, duty cycle = 4 pulse per minute maximum.
ELECTRICAL CHARACTERISTICS (VF = 3.5 Volts @ IF = 40 A for all types)
Di
Reverse
Breakdown Voltage
Maximum
Reverse Voltage
Maximum
Reverse
Maximum
D
Device
Reverse
Stand–off
Voltage VRWM
(Volts)
VBR
Volts
(Min)
IT
mA
Reverse Voltage
@ IRSM
(Clamping Voltage)
VRSM (Volts)
Reverse
Surge Current
IRSM
(Amps)
Maximum
Reverse Leakage
@ VRWM
IR (µA)
Devce
Marking
1SMA5.0AT3
5.0
6.4
10
9.2
43.5
400
QE
1SMA6.0AT3
6.0
6.67
10
10.3
38.8
400
QG
1SMA6.5AT3
6.5
7.22
10
11.2
35.7
250
QK
1SMA7.0AT3
7.0
7.78
10
12.0
33.3
250
QM
1SMA7.5AT3
7.5
8.33
1
12.9
31.0
50
QP
1SMA8.0AT3
8.0
8.89
1
13.6
29.4
25
QR
1SMA8.5AT3
8.5
9.44
1
14.4
27.8
5.0
QT
1SMA9.0AT3
9.0
10
1
15.4
26.0
2.5
QV
* TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation – The type number listed indicates a tolerance of
±5%.
(continued)
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by 1SMA5.0AT3/D
© Motorola, Inc. 1996
1SMA5.0AT3
through
1SMA78AT3
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSORS
5.0 – 78 VOLTS VR
400 WATTS PEAK POWER
SMA
CASE 403B–01
PLASTIC
REV 1


Similar Part No. - 1SMA7.0AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA7.0AT3 ONSEMI-1SMA7.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA7.0AT3 ONSEMI-1SMA7.0AT3 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA7.0AT3 ONSEMI-1SMA7.0AT3 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA7.0AT3G ONSEMI-1SMA7.0AT3G Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA7.0AT3G ONSEMI-1SMA7.0AT3G Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
More results

Similar Description - 1SMA7.0AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA10CAT3 MOTOROLA-1SMA10CAT3 Datasheet
81Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1N6382 ONSEMI-1N6382 Datasheet
194Kb / 6P
   Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_09 Datasheet
154Kb / 7P
   Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
   Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com