Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-CS28AR3G5B1 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-CS28AR3G5B1
Description  LED LAMP CLUSTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-CS28AR3G5B1 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-CS28AR3G5B1 Datasheet HTML 1Page - BetLux Electronics BL-CS28AR3G5B1 Datasheet HTML 2Page - BetLux Electronics BL-CS28AR3G5B1 Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
LED LAMP CLUSTER
BL-CS28AR3G5B1
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Square LED lamp cluster
28mm*28mm
High visibility
Emitting Color: red,green,blue
No of Built-in 5mm LED Lamps :
Ultra orange - 3pcs,green – 5pcs ,blue – 1pcs.
Waterproof Package With Hood Suitable
For Outdoor and Indoor Information Boards
Selection Guide
Part No.
Description
BL-CS28AR3G5B1
26mm square Lamp cluster
3 red ,5 green,1 blue,square packed
Description:
Color Code & Chip characteristics: (Test Condition: IF=20mA)
Chip
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Part No.
Built-in
Lamp
Package
Built-in
Lamp
Part No.
BL-
Material/
Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
Typ
Max
Typ
Viewing
Angle
2
1/2
(deg)
L563UEC
AlGaInP/
Ultra Orange
630
Water
clear
2.10
2.50
750
L563UGC
AlGaInP/
Ultra Green
574
Water
clear
2.20
2.50
600
BL-CS28A
R3G5B1
4x5x7mm
1.0"
Lead Oval
L563UBC
GaN/SiC
Blue
430
Water clear
3.10
4.20
800
X-X
45
Y-Y
25
Notes:
1.
1/2 Is the angle from optical centerline where the luminous intensity is1/2 the optical centerline value.
Absolute Maximum Rating (Each Lamp,Ta=25
Derate above 25
)
Characteristic
Symbol
Ultra Orang
Ultra Green
Ultra Blue
Unit
Spectral Line Half width
λ
17
30
30
nm
Pulse Forward Current
IFp
150
150
150
mA
DC Forward Current
IF
30
30
30
mA
Reverse Voltage
VR
5
5
5
V
Power Dissipature
PD
65
75
75
mW
Operating Temperature
Topr
-40
-80
Storage Temperature
Tstg
-40
-85
Lead
Soldering
Temperature
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-CS28AR3G5B1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-CS28AR4G12 BETLUX-BL-CS28AR4G12 Datasheet
72Kb / 3P
   LED LAMP CLUSTER
BL-CS28AR6G8 BETLUX-BL-CS28AR6G8 Datasheet
66Kb / 3P
   LED LAMP CLUSTER
More results

Similar Description - BL-CS28AR3G5B1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
BL-CS19AR2G4 BETLUX-BL-CS19AR2G4 Datasheet
75Kb / 3P
   LED LAMP CLUSTER
BL-CS21AR2G1B1 BETLUX-BL-CS21AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
BL-CR19AR4 BETLUX-BL-CR19AR4 Datasheet
69Kb / 3P
   LED LAMP CLUSTER
BL-CR26AR5G10 BETLUX-BL-CR26AR5G10 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G2B1 BETLUX-BL-CS15AR1G2B1 Datasheet
76Kb / 3P
   LED LAMP CLUSTER
BL-CS15AY4 BETLUX-BL-CS15AY4 Datasheet
77Kb / 3P
   LED LAMP CLUSTER
BL-CS19AR2G1B1 BETLUX-BL-CS19AR2G1B1 Datasheet
74Kb / 3P
   LED LAMP CLUSTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com