Selected language     English  ▼


CS7-24 Datasheet(PDF) 1 Page - Superworld Electronics

Part No. CS7-24
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo 

   
 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
CS7-24 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
8
6
10
2
4
" " indicates polarity
6.35
(0.250)
3.96
(0.156)
ML
L
6
A
9
4
5
10
321
8
7
B
9.53
(0.375)
W
4.76(0.187)Dia. Mfg.
Holes
4.76(0.187)Quick Connect
Solder Lug Terminal
68.28
(2.688)
7
SIZE
W
46.05
(1.813)
93.68
(3.688)
56
VA
L
H
57.15
(2.250)
79.38
(3.125)
27.00
(1.063)
A
B
771.11
ML
gram
UNIT : mm (inch)
a. Primary Voltage
AC 115 V 60 Hz .
b. No Load Primary Current
Less Than 80mA .
c. Secondary Voltage (±5%)
AC 27.90 V .
d. Secondary Load Current
2.40A .
e. Full Load Primary Current
Less Than 620mA .
f. Full Load Secondary Voltage (±5%)
24.00V .
Pin 6-8
Pin 2-4
g. DC Resistance
Pin 6-10 C.T. Pin 8
Primary = 10.50 Ohm .
Pin 8-10
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary-1 = 0.32 Ohm .
DC 500V 100Meg Ohm Of More .
AC 2500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-66 x 26.00 m/m .
j. Temperature Rise
k. Core Size
585
l. Turns & Wire Gauge
Primary
0-70-140
Secondary
Pin 6-8-10
Pin 2-4
Turns Diameter 0.40 m/m .
0.80 m/m .
Turns Diameter
Pin 6-10 C.T. Pin 8
Secondary-2 = 0.37 Ohm .




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CEI-120General Power Transformer 1 Sumida Corporation
CLS-12General Power Transformer 1 Sumida Corporation
CLS4D09_07Power Inductor& 2 in 1 Transformer 1 2 Sumida Corporation
EEH3223General Power Transformer Type:EEH Series> 1 Sumida Corporation
PQ3537General Power Transformer 1 Sumida Corporation
ETD2924General Power Transformer 1 Sumida Corporation
EP2013General Power Transformer 1 Sumida Corporation
ERH2826MSGeneral Power Transformer Type: ERH Series> 1 Sumida Corporation
VPS28-900POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl